Electronic Components Datasheet Search
Selected language     English  ▼


KYL-T206 Datasheet(PDF) 1 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-T206
Description  Long Range FrequencyModulation Receiver
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 1 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
www.rf-data.com
sales@rf-data.com
Fax: 86-755-83408785
KYL-T206
KYL-T206
KYL-T206
KYL-T206
Long
Long
Long
Long Range
Range
Range
Range F
F
F
Frequency
requency
requency
requency M
M
M
Modulation
odulation
odulation
odulation R
R
R
Receiver
eceiver
eceiver
eceiver
Technical
Technical
Technical
Technical Parameter:
Parameter:
Parameter:
Parameter:
Working voltage:9V
Working frequency:430.5MHz(Other frequency can be customized)
Stand-by current:1mA
Working current:400mA
Transmitting distance:>4000m(Receiving sensitivity is above -103dBm)
Output power:32dBm (1600mW)
Transmitting speed:<10Kbps
Modulation Method:FSK(frequency modulation)
Working temperature: -20℃~+70℃
Size:65mm×30mm×9mm
Diagrammatic
Diagrammatic
Diagrammatic
Diagrammatic introduction
introduction
introduction
introduction of
of
of
of pin
pin
pin
pin:
Pin
Name
Function
1
ANT
antenna input
2
GND
cathode
3
KZHI
transmit control port(接9V 发射)
4
VCC
anode
Frame
Frame
Frame
Frame size
size
size
size diagram(mm)
diagram(mm)
diagram(mm)
diagram(mm):




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl