Electronic Components Datasheet Search
Selected language     English  ▼


KYL-T208 Datasheet(PDF) 1 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. KYL-T208
Description  Long RangeASKModule
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Homepage  http://www.rf-data.com
Logo 

   
 1 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
www.rf-data.com
sales@rf-data.com
Fax: 86-755-83408785
KYL-T208
KYL-T208
KYL-T208
KYL-T208
Long
Long
Long
Long Range
Range
Range
Range ASK
ASK
ASK
ASK Module
Module
Module
Module
Technical
Technical
Technical
Technical parameter
parameter
parameter
parameter::::
Working voltage:DC3V-12V
Working frequency:315MHz、433.92MHz(Other frequency can be customized)
Stand-by current:0mA
Working current:25-240mA
Transmitting distance:>4000m(Receiving sensitivity is above -103dBm)
Output power:26dBm (400mW)
Transmitting speed:<10Kbps
Modulation Method:Amplitude modulation(OOK)
Working temperature: -10℃~+70℃
Size:41mm×30mm×8mm
Diagrammatic
Diagrammatic
Diagrammatic
Diagrammatic introduction
introduction
introduction
introduction of
of
of
of pin
pin
pin
pin (From
(From
(From
(From left
left
left
left to
to
to
to right
right
right
right)
Pin
Name
Function
1
DATA
data input pin
2、3
VCC
anode
4
GND
cathode
Frame
Frame
Frame
Frame size
size
size
size diagram(mm)
diagram(mm)
diagram(mm)
diagram(mm):




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl