Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2831SIM25 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM2831SIM25
Description  300mA CMOS LDO WITH ENABLE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM2831SIM25 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM2831SIM25 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2831SIM25 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2831SIM25 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2831SIM25 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2831SIM25 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2831SIM25 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2831SIM25 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2831SIM25 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2831SIM25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CM2831
300mA CMOS LDO WITH ENABLE
2002/04/12 Rev. 3
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
The CM2831 family is a positive voltage linear regulator
developed utilizing CMOS technology featured low quiescent
current (30µA typ.), low dropout voltage, and high output
voltage accuracy, making them ideal for battery applications.
EN input connected to CMOS has low bias current. The
space-saving SOT-23-5 package is attractive for “Pocket” and
“Hand Held” applications.
These rugged devices have both Thermal Shutdown, and
Current Fold-back to prevent device failure under the “Worst”
of operating conditions.
In application requiring a low noise, regulated supply, place a
1000pF capacitor between Bypass and Ground.
The CM2831 is stable with an output capacitance of 2.2µF or
greater.
!
Very Low Dropout Voltage
!
Low Current Consumption: Typ. 30µA, Max. 35µA
!
Output Voltage: 1.5V, 1.8V, 1.9V, 2.2V, 2.5V, 2.7V, 2.8V,
2.9V, 3.0V, 3.3V, 3.5V, 3.6V, and 3.8V
!
High Accuracy Output Voltage: +/- 1.5%
!
Guaranteed 300mA Output
!
Input Range of 2.6V to 7.0V
!
Thermal Shutdown
!
Current Limiting
!
Compact Package: SOT-23-5
!
Factory Pre-set Output Voltages
!
Short Circuit Current Fold-Back
!
Low Temperature Coefficient
APPLICATIONS
!
Battery-powered devices
!
Personal communication devices
!
Home electric/electronic appliances
!
PC peripherals
24 Hours Technical Support--WebSIM
Champion provides customers an online circuit simulation tool
called WebSIM. You could simply logon our website at
www.champion-micro.com for details.
TYPICAL APPLICATIONS
IN
O UT
C M 2831
BYP
G ND
EN
IN
OU T
5V
C1
1u F
C3
2.2u F
C2
1n F


Similar Part No. - CM2831SIM25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2830 ETC-CM2830 Datasheet
526Kb / 15P
   300mA CMOS LDO
CM2830 ETC2-CM2830 Datasheet
390Kb / 16P
   300mA CMOS LDO
logo
Champion Microelectroni...
CM2830 CHAMP-CM2830 Datasheet
612Kb / 16P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2830A ETC-CM2830A Datasheet
526Kb / 15P
   300mA CMOS LDO
CM2830A ETC2-CM2830A Datasheet
390Kb / 16P
   300mA CMOS LDO
More results

Similar Description - CM2831SIM25

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Champion Microelectroni...
CM2838 CHAMP-CM2838 Datasheet
328Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
logo
Champion Microelectroni...
CM2836 CHAMP-CM2836 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com