Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA30H4452M-101 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # RA30H4452M-101
Description  Broadband Frequency Range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H4452M-101 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  RA30H4452M-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H4452M-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H4452M-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H4452M-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H4452M-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H4452M-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H4452M-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H4452M-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
<Silicon RF Power Modules >
RA30H4452M
RoHS Compliance ,
440-520MHz 30W 12.5V MOBILE RADIO
Publication Date : Jul.2011
7
Output Power Control:
Depending on linearity following 2 methods are recommended to control the output power:
a) Non-linear FM modulation:
By Gate voltage VGG.
When the Gate voltage is close to zero, the RF input signal is attenuated up to 60dB and only a small leakage current is flowing
from the battery into the Drain.
Around VGG=2.5V the output power and Drain current increases strongly.
Around VGG=3.5V, latest at VGG=5V, the nominal output power becomes available.
b) Linear AM modulation:
By RF input power Pin.
The Gate voltage is used to set the Drain quiescent current for the required linearity.
Oscillation:
To test RF characteristic this module is put on a fixture with 2 bias decoupling capacitors each on Gate and Drain, a 4.700pF chip
capacitor, located close to the module, and a 22µF electrolytic capacitor.
When an amplifier circuit around this module shows oscillation following may be checked:
a) Do the bias decoupling capacitors have a low inductance pass to the case of the module ?
b) Is the load impedance ZL=50 ?
c) Is the source impedance ZG=50
ATTENTION:
1.High Temperature; This product might have a heat generation while operation,Please take notice that have a possibility to receive a
burn to touch the operating product directly or touch the product until cold after switch off.
At the near the product,do not place the combustible material that have possibilities to arise the fire.
2. Generation of High Frequency Power; This product generate a high frequency power. Please take notice that do not leakage the
unnecessary electric wave and use this products without cause damage for human and property per normal operation.
3. Before use;
Before use the product,Please design the equipment in consideration of the risk for human and electric wave obstacle
for equipment.
PRECAUTION FOR THE USE OF MITSUBISHI SILICON RF POWER AMPLIFIER DEVICES:
1.The specifications of mention are not guarantee values in this data sheet. Please confirm additional details regarding operation of
these products from the formal specification sheet.
For copies of the formal specification sheets, please contact one of our sales
offices.
2.RA series products (RF power amplifier modules) and RD series products (RF power transistors) are designed for consumer mobile
communication terminals and were not specifically designed for use in other applications.
In particular, while these products are highly reliable for their designed purpose, they are not manufactured under a quality
assurance testing protocol that is sufficient to guarantee the level of reliability typically deemed necessary for critical communications
elements. In the application, which is base station applications and fixed station applications that operate with long term continuous
transmission and a higher on-off frequency during transmitting, please consider the derating, the redundancy system, appropriate
setting of the maintain period and others as needed. For the reliability report which is described about predicted operating life time of
Mitsubishi Silicon RF Products , please contact Mitsubishi Electric Corporation or an authorized Mitsubishi Semiconductor product
distributor.
3.RA series products use MOSFET semiconductor technology. They are sensitive to ESD voltage therefore appropriate ESD
precautions are required.
4.In order to maximize reliability of the equipment, it is better to keep the devices temperature low.
It is recommended to utilize a
sufficient sized heat-sink in conjunction with other cooling methods as needed (fan, etc.) to keep the case temperature for RA series
products lower than 60deg/C under standard conditions, and less than 90deg/C under extreme conditions.
5.RA series products are designed to operate into a nominal load impedance of 50 ohms. Under the condition of operating into a severe
high load VSWR approaching an open or short, an over load condition could occur.
In the worst case there is risk for burn out of the
transistors and burning of other parts including the substrate in the module.
6.The formal specification includes a guarantee against parasitic oscillation under a specified maximum load mismatch condition. The
inspection for parasitic oscillation is performed on a sample basis on our manufacturing line. It is recommended that verification of no
parasitic oscillation be performed at the completed equipment level also.
7.For specific precautions regarding assembly of these products into the equipment, please refer to the supplementary items in the
specification sheet.
8.Warranty for the product is void if the products protective cap (lid) is removed or if the product is modified in any way from it’s original
form.
9.For additional “Safety first” in your circuit design and notes regarding the materials, please refer the last page of this data sheet.
10. Please refer to the additional precautions in the formal specification sheet.


Similar Part No. - RA30H4452M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4452M-101 MITSUBISHI-RA30H4452M-101 Datasheet
157Kb / 7P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M-101 MITSUBISHI-RA30H4452M-101 Datasheet
72Kb / 8P
   440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M-101 MITSUBISHI-RA30H4452M-101 Datasheet
185Kb / 8P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
More results

Similar Description - RA30H4452M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4047M1-101 MITSUBISHI-RA30H4047M1-101 Datasheet
246Kb / 9P
   Broadband Frequency Range
RA55H3340M-101 MITSUBISHI-RA55H3340M-101 Datasheet
254Kb / 9P
   Broadband Frequency Range
RA07H4047M-101 MITSUBISHI-RA07H4047M-101 Datasheet
112Kb / 9P
   Broadband Frequency Range
RA07M4047M-101 MITSUBISHI-RA07M4047M-101 Datasheet
117Kb / 9P
   Broadband Frequency Range
RA30H3340M-101 MITSUBISHI-RA30H3340M-101 Datasheet
205Kb / 8P
   Broadband Frequency Range
RA55H4047M-101 MITSUBISHI-RA55H4047M-101 Datasheet
257Kb / 9P
   Broadband Frequency Range
RA55H4452M-101 MITSUBISHI-RA55H4452M-101 Datasheet
258Kb / 9P
   Broadband Frequency Range
RA60H1317M-101 MITSUBISHI-RA60H1317M-101 Datasheet
245Kb / 9P
   Broadband Frequency Range
RA30H2127M-101 MITSUBISHI-RA30H2127M-101 Datasheet
171Kb / 9P
   Broadband Frequency Range
RA07M1317M-101 MITSUBISHI-RA07M1317M-101 Datasheet
107Kb / 9P
   Broadband Frequency Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com