Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA55H3340M-101 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RA55H3340M-101
Description  Broadband Frequency Range
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA55H3340M-101 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RA55H3340M-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Publication Date : Oct.2011
1
<Silicon RF Power Modules >
RA55H3340M
RoHS Compliance , 330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
DESCRIPTION
The RA55H3340M is a 55-watt RF MOSFET Amplifier Module for
12.5-volt mobile radios that operate in the 330- to 400-MHz range.
The battery can be connected directly to the drain of the
enhancement-mode MOSFET transistors. Without the gate voltage
(VGG=0V), only a small leakage current flows into the drain and the RF
input signal attenuates up to 60 dB. The output power and drain current
increase as the gate voltage increases. With a gate voltage around
4V (minimum), output power and drain current increases substantially.
The nominal output power becomes available at 4.5V (typical) and 5V
(maximum). At VGG=5V, the typical gate current is 1 mA.
This module is designed for non-linear FM modulation, but may also be
used for linear modulation by setting the drain quiescent current with
the gate voltage and controlling the output power with the input power.
FEATURES
• Enhancement- Mode MOSFET Transistors
(IDD≅0 @ VDD=12.5V, VGG=0V)
• Pout>55W, ηT>35% @ VDD=12.5V, VGG=5V, Pin=50mW
• Broadband Frequency Range: 330-400MHz
• Low-Power Control Current IGG=1mA (typ) at VGG=5V
• Module Size: 66 x 21 x 9.88 mm
• Linear operation is possible by setting the quiescent drain current with
the gate voltage and controlling the output power with the input power
RoHS COMPLIANCE
• RA55H3340M-101 is a RoHS compliant products.
• RoHS compliance is indicate by the letter “G” after the Lot Marking.
• This product include the lead in the Glass of electronic parts and the lead in
electronic Ceramic parts.
However, it is applicable to the following exceptions of RoHS Directions.
1.Lead in the Glass of a cathode-ray tube, electronic parts, and fluorescent
tubes.
2.Lead in electronic Ceramic parts.
ORDERING INFORMATION:
ORDER NUMBER
SUPPLY FORM
RA55H3340M-101
Antistatic tray,
10 modules/tray
1
RF Input (Pin)
2
Gate Voltage (VGG), Power Control
3
Drain Voltage (VDD), Battery
4
RF Output (Pout)
5
RF Ground (Case)
BLOCK DIAGRAM
2
4
1
5
3
PACKAGE CODE: H2S


Similar Part No. - RA55H3340M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA55H3340M-101 MITSUBISHI-RA55H3340M-101 Datasheet
88Kb / 9P
   330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3340M-101 MITSUBISHI-RA55H3340M-101 Datasheet
98Kb / 9P
   330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3340M-101 MITSUBISHI-RA55H3340M-101 Datasheet
254Kb / 9P
   RoHS Compliance , 330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA55H3340M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4047M1-101 MITSUBISHI-RA30H4047M1-101 Datasheet
246Kb / 9P
   Broadband Frequency Range
RA07H4047M-101 MITSUBISHI-RA07H4047M-101 Datasheet
112Kb / 9P
   Broadband Frequency Range
RA07M4047M-101 MITSUBISHI-RA07M4047M-101 Datasheet
117Kb / 9P
   Broadband Frequency Range
RA30H3340M-101 MITSUBISHI-RA30H3340M-101 Datasheet
205Kb / 8P
   Broadband Frequency Range
RA55H4047M-101 MITSUBISHI-RA55H4047M-101 Datasheet
257Kb / 9P
   Broadband Frequency Range
RA55H4452M-101 MITSUBISHI-RA55H4452M-101 Datasheet
258Kb / 9P
   Broadband Frequency Range
RA60H1317M-101 MITSUBISHI-RA60H1317M-101 Datasheet
245Kb / 9P
   Broadband Frequency Range
RA30H2127M-101 MITSUBISHI-RA30H2127M-101 Datasheet
171Kb / 9P
   Broadband Frequency Range
RA30H4452M-101 MITSUBISHI-RA30H4452M-101 Datasheet
185Kb / 8P
   Broadband Frequency Range
RA07M1317M-101 MITSUBISHI-RA07M1317M-101 Datasheet
107Kb / 9P
   Broadband Frequency Range
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com