Electronic Components Datasheet Search
Selected language     English  ▼


JST20B Datasheet(PDF) 1 Page - American Microsemiconductor

Part No. JST20B
Description  High Voltage TRIAC
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMMSEMI [American Microsemiconductor]
Homepage  http://www.americanmicrosemi.com/
Logo 

   
 1 page
background image
JST20A / JST20B
High Voltage TRIAC
© 2013 American Microsemiconductor, Inc.
Specifications are subject to change without notice.
Aerospace Mgmt. Sys. Cert.
AS/EN/JISQ9100:2009 Rev. C
ISO9001:2008
Cert No. 45325
133 Kings Road,
Madison, New Jersey 07940
United States of America
Tel. 1-973-377-9566, Fax. 1-973-377-3078
www.americanmicrosemi.com
Document Page 1 of 4
Revised 06/2013
2500V RMS isolation voltage from all
three terminals to external heatsink
IT(RMS)
= 20A
VDRM/VRRM
= 1200V
VTM
= 1.65V
NOTE:
IMAGE SERVES AS A VISUAL
REPRESENTATION OF THE
PRODUCT ONLY
.
FEATURES
The JST20A/20B are high voltage TRIACs with high current
density, SIPOS, and are glass passivated. These
components are suitable for general purpose AC switching
and can be used as an ON/OFF function in applications
such as static relays, heating regulation, and so on. This
design is specifically recommended for use on inductive
loads.
ABSTRACT
ABSOLUTE MAXIMUM RATINGS




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl