Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSX4378 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLSX4378
Description  4-Bit 24 Mb/s Dual-Supply Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4378 Datasheet(HTML) 8 Page - ON Semiconductor

  NLSX4378_12 Datasheet HTML 1Page - ON Semiconductor NLSX4378_12 Datasheet HTML 2Page - ON Semiconductor NLSX4378_12 Datasheet HTML 3Page - ON Semiconductor NLSX4378_12 Datasheet HTML 4Page - ON Semiconductor NLSX4378_12 Datasheet HTML 5Page - ON Semiconductor NLSX4378_12 Datasheet HTML 6Page - ON Semiconductor NLSX4378_12 Datasheet HTML 7Page - ON Semiconductor NLSX4378_12 Datasheet HTML 8Page - ON Semiconductor NLSX4378_12 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NLSX4378
http://onsemi.com
8
APPLICATIONS INFORMATION
Level Translator Architecture
The NLSX4378 auto sense translator provides
bi−directional voltage level shifting to transfer data in
multiple supply voltage systems. This device has two
supply voltages, VL and VCC, which set the logic levels on
the input and output sides of the translator. When used to
transfer data from the VL to the VCC ports, input signals
referenced to the VL supply are translated to output signals
with a logic level matched to VCC. In a similar manner, the
VCC to VL translation shifts input signals with a logic level
compatible to VCC to an output signal matched to VL.
The NLSX4378 consists of two bi−directional channels
that independently determine the direction of the data flow
without requiring a directional pin. The one−shot circuits
are used to detect the rising input signals. In addition, the
one shots decrease the rise time of the output signal for
low−to−high transitions.
Each input/output channel has an internal 10 k
W pull.
The magnitude of the pullup resistors can be reduced by
connecting external resistors in parallel to the internal
10 k
W resistors.
Input Driver Requirements
The rise (tR) and fall (tF) timing parameters of the open
drain outputs depend on the magnitude of the pull−up
resistors. In addition, the propagation times (tPD), skew
(tPSKEW) and maximum data rate depend on the impedance
of the device that is connected to the translator. The timing
parameters listed in the data sheet assume that the output
impedance of the drivers connected to the translator is less
than 50
W.
Enable Input (EN)
The NLSX4378 has an Enable pin (EN) that provides
tri−state operation at the I/O pins. Driving the Enable pin
to a low logic level minimizes the power consumption of
the device and drives the I/O VCC and I/O VL pins to a high
impedance state. Normal translation operation occurs
when the EN pin is equal to a logic high signal. The EN pin
is referenced to the VL supply and has Overvoltage
Tolerant (OVT) protection.
Power Supply Guidelines
During normal operation, supply voltage VL can be
greater than, less than or equal to VCC. The sequencing of
the power supplies will not damage the device during the
power up operation.
For optimal performance, 0.01
mF to 0.1 mF decoupling
capacitors should be used on the VL and VCC power supply
pins. Ceramic capacitors are a good design choice to filter
and bypass any noise signals on the voltage lines to the
ground plane of the PCB. The noise immunity will be
maximized by placing the capacitors as close as possible to
the supply and ground pins, along with minimizing the
PCB connection traces.
ORDERING INFORMATION
Device
Package
Shipping
NLSX4378FCT1G
mBump12
(Pb−Free)
3000 / Tape & Reel
NLSX4378BFCT1G
mBump12
(Backside Laminate Coating)
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NLSX4378_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX4378A ONSEMI-NLSX4378A Datasheet
82Kb / 9P
   4-Bit 24 Mb/s Dual-Supply Level Translator
January, 2018 ??Rev. 0
NLSX4378ABFCT1G ONSEMI-NLSX4378ABFCT1G Datasheet
82Kb / 9P
   4-Bit 24 Mb/s Dual-Supply Level Translator
January, 2018 ??Rev. 0
NLSX4378BFCT1G ONSEMI-NLSX4378BFCT1G Datasheet
144Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
April, 2009 ??Rev. 2
NLSX4378FCT1G ONSEMI-NLSX4378FCT1G Datasheet
144Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
April, 2009 ??Rev. 2
More results

Similar Description - NLSX4378_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX4378A ONSEMI-NLSX4378A Datasheet
82Kb / 9P
   4-Bit 24 Mb/s Dual-Supply Level Translator
January, 2018 ??Rev. 0
NLSX3378 ONSEMI-NLSX3378 Datasheet
121Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
October, 2008 ??Rev. 5
NLSX4378 ONSEMI-NLSX4378 Datasheet
144Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
April, 2009 ??Rev. 2
NLSX4014 ONSEMI-NLSX4014 Datasheet
180Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX4014 ONSEMI-NLSX4014_15 Datasheet
112Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2015 ??Rev. 5
NLSX5014 ONSEMI-NLSX5014 Datasheet
163Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2010 ??Rev. 1
NLSX5014 ONSEMI-NLSX5014_18 Datasheet
172Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
April, 2018 ??Rev. 8
NLSX5004 ONSEMI-NLSX5004 Datasheet
236Kb / 16P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
February, 2021 ??Rev. 1
NLSX3014 ONSEMI-NLSX3014 Datasheet
139Kb / 10P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2008 ??Rev. 4
NLSX5014 ONSEMI-NLSX5014_16 Datasheet
125Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
August, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com