Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSX4378 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLSX4378
Description  4-Bit 24 Mb/s Dual-Supply Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4378 Datasheet(HTML) 1 Page - ON Semiconductor

  NLSX4378 Datasheet HTML 1Page - ON Semiconductor NLSX4378 Datasheet HTML 2Page - ON Semiconductor NLSX4378 Datasheet HTML 3Page - ON Semiconductor NLSX4378 Datasheet HTML 4Page - ON Semiconductor NLSX4378 Datasheet HTML 5Page - ON Semiconductor NLSX4378 Datasheet HTML 6Page - ON Semiconductor NLSX4378 Datasheet HTML 7Page - ON Semiconductor NLSX4378 Datasheet HTML 8Page - ON Semiconductor NLSX4378 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2012
October, 2012 − Rev. 4
1
Publication Order Number:
NLSX4378/D
NLSX4378
4-Bit 24 Mb/s Dual-Supply
Level Translator
The NLSX4378 is a 4−bit configurable dual−supply bidirectional
auto sensing translator that does not require a directional control pin.
The VCC I/O and VL I/O ports are designed to track two different
power supply rails, VCC and VL respectively. The VCC supply rail is
configurable from 1.65 V to 5.5 V while VL supply rail is
configurable to 1.65 V to 5.5 V. This allows voltage logic signals on
the VL side to be translated into lower, higher or equal value voltage
logic signals on the VCC side, and vice−versa.
The NLSX4378 translator has open−drain outputs with integrated
10 k
W pullup resistors on the I/O lines. The integrated pullup
resistors are used to pullup the I/O lines to either VL or VCC. The
NLSX4378 is an excellent match for open−drain applications such as
the I2C communication bus.
Features
VL can be Less than, Greater than or Equal to VCC
Wide VCC Operating Range: 1.65 V to 5.5 V
Wide VL Operating Range: 1.65 V to 5.5 V
High−Speed with 24 Mb/s Guaranteed Date Rate
Low Bit−to−Bit Skew
Enable Input and I/O Lines have Overvoltage Tolerant (OVT) to
5.5 V
Nonpreferential Powerup Sequencing
Integrated 10 kW Pullup Resistors
Small Space Saving Package − 2.02 x 1.54 mm mBump12
This is a Pb−Free Device
Typical Applications
I2C, SMBus, PMBus
Low Voltage ASIC Level Translation
Mobile Phones, PDAs, Cameras
MARKING
DIAGRAM
http://onsemi.com
mBump12
FC SUFFIX
CASE 499AU
x
= F − Standard
B − Backcoated
A
= Assembly Location
Y
= Year
WW = Work Week
G
= Pb−Free Package
S4378x
AYWW
G
VL VCC GND
EN
I/O VL1
I/O VL2
I/O VL3
I/O VL4
I/O VCC1
I/O VCC2
I/O VCC3
I/O VCC4
LOGIC DIAGRAM
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NLSX4378

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX4378 ONSEMI-NLSX4378 Datasheet
144Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
April, 2009 ??Rev. 2
NLSX4378A ONSEMI-NLSX4378A Datasheet
82Kb / 9P
   4-Bit 24 Mb/s Dual-Supply Level Translator
January, 2018 ??Rev. 0
NLSX4378ABFCT1G ONSEMI-NLSX4378ABFCT1G Datasheet
82Kb / 9P
   4-Bit 24 Mb/s Dual-Supply Level Translator
January, 2018 ??Rev. 0
NLSX4378BFCT1G ONSEMI-NLSX4378BFCT1G Datasheet
144Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
April, 2009 ??Rev. 2
NLSX4378FCT1G ONSEMI-NLSX4378FCT1G Datasheet
144Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
April, 2009 ??Rev. 2
More results

Similar Description - NLSX4378

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX4378A ONSEMI-NLSX4378A Datasheet
82Kb / 9P
   4-Bit 24 Mb/s Dual-Supply Level Translator
January, 2018 ??Rev. 0
NLSX3378 ONSEMI-NLSX3378 Datasheet
121Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
October, 2008 ??Rev. 5
NLSX4378 ONSEMI-NLSX4378 Datasheet
144Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
April, 2009 ??Rev. 2
NLSX4014 ONSEMI-NLSX4014 Datasheet
180Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX4014 ONSEMI-NLSX4014_15 Datasheet
112Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2015 ??Rev. 5
NLSX5014 ONSEMI-NLSX5014 Datasheet
163Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2010 ??Rev. 1
NLSX5014 ONSEMI-NLSX5014_18 Datasheet
172Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
April, 2018 ??Rev. 8
NLSX5004 ONSEMI-NLSX5004 Datasheet
236Kb / 16P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
February, 2021 ??Rev. 1
NLSX3014 ONSEMI-NLSX3014 Datasheet
139Kb / 10P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2008 ??Rev. 4
NLSX5014 ONSEMI-NLSX5014_16 Datasheet
125Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
August, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com