Electronic Components Datasheet Search
Selected language     English  ▼


MC74VHCT32A_11 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC74VHCT32A_11
Description  Quad 2-Input OR Gate / CMOS Logic Level Shifter
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 4 page
background image
MC74VHCT32A
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = − 40 to 125°C
Unit
Min
Typ
Max
Min
Max
tPLH,
tPHL
Maximum Propagation Delay,
A or B to Y
VCC = 3.3 ± 0.3 V CL = 15 pF
CL = 50 pF
5.5
8.0
7.9
11.4
1.0
1.0
9.5
13.0
ns
VCC = 5.0 ± 0.5 V CL = 15 pF
CL = 50 pF
3.8
5.3
5.5
7.5
1.0
1.0
6.5
8.5
Cin
Maximum Input Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance (Note 1)
Typical @ 25°C, VCC = 5.0V
pF
22
1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC/4 (per gate). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
Figure 1. Switching Waveforms
CL*
*Includes all probe and jig capacitance
TEST
POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 2. Test Circuit
GND
tPHL
Y
A
tPLH
1.5V
1.5V
3V
VOL
VOH
ORDERING INFORMATION
Device
Package
Shipping
MC74VHCT32ADR2G
SOIC−14
(Pb−Free)
2500 / Tape & Reel
MC74VHCT32ADTR2G
TSSOP−14*
2500 / Tape & Reel
MC74VHCT32AMG
SOEIAJ−14
(Pb−Free)
50 Units / Rail
MC74VHCT32AMELG
SOEIAJ−14
(Pb−Free)
2000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl