Electronic Components Datasheet Search
Selected language     English  ▼


MC74VHC4316_11 Datasheet(PDF) 7 Page - ON Semiconductor

Part No. MC74VHC4316_11
Description  Digital Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 7 page
background image
MC74VHC4316
http://onsemi.com
7
Figure 2. Maximum Off Channel Leakage Current,
Any One Channel, Test Set−Up
Figure 3. Maximum On Channel Leakage Current,
Test Set−Up
OFF
16
VCC
VEE
A
VCC
VEE
VCC
O/I
7
8
9
SELECTED
CONTROL
INPUT
VIL
ON
16
VCC
N/C
A
VEE
VCC
VEE
7
8
9
SELECTED
CONTROL
INPUT
VIH
Figure 4. Maximum On−Channel Bandwidth
Test Set−Up
ON
16
VCC
0.1
mF
CL*
fin
TO dB
METER
*Includes all probe and jig capacitance.
RL
RL
VEE
7
8
9
SELECTED
CONTROL
INPUT
VCC
Figure 5. Off−Channel Feedthrough Isolation,
Test Set−Up
OFF
16
VCC
0.1
mF
CL*
fin
TO dB
METER
*Includes all probe and jig capacitance.
RL
VEE
7
8
9
SELECTED
CONTROL
INPUT
RL
VCC
Figure 6. Feedthrough Noise, Control to Analog Out,
Test Set−Up
16
VCC
*Includes all probe and jig capacitance.
ON/OFF
CONTROL
RL
SELECTED
CONTROL
INPUT
VEE
7
8
9
CL*
TEST
POINT
RL
VCC
GND
ANALOG IN
ANALOG OUT
50%
tPLH
tPHL
50%
Figure 7. Propagation Delays, Analog In to
Analog Out
VIS




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl