Electronic Components Datasheet Search
Selected language     English  â–¼


MC74VHC4316_11 Datasheet(PDF) 8 Page - ON Semiconductor

Part No. MC74VHC4316_11
Description  Digital Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 8 page
background image
MC74VHC4316
http://onsemi.com
8
POSITIONWHEN TESTING tPLZ AND tPZL
Figure 8. Propagation Delay Test Set−Up
ON
16
VCC
*Includes all probe and jig capacitance.
TEST
POINT
ANALOG O/I
ANALOG I/O
50 pF*
SELECTED
CONTROL
INPUT
VCC
Figure 9. Propagation Delay, ON/OFF Control
to Analog Out
ON/OFF
VCC
TEST
POINT
16
VCC
1 k
W
POSITIONWHEN TESTING tPHZ AND tPZH
50 pF*
1
2
1
2
Figure 10. Propagation Delay Test Set−Up
1
2
Figure 11. Crosstalk Between Any Two Switches,
Test Set−Up (Adjacent Channels Used)
RL
ON
16
*Includes all probe and jig capacitance.
OFF
RL
VIS
fin
0.1
mF
Figure 12. Power Dissipation Capacitance
Test Set−Up
16
VCC
N/C
ON/OFF
A
N/C
SELECTED
CONTROL
INPUT
CONTROL
ON
16
VCC
10
mF
CL*
fin
RL
TO
DISTORTION
METER
*Includes all probe and jig capacitance.
VOS
VIS
SELECTED
CONTROL
INPUT
VCC
Figure 13. Total Harmonic Distortion, Test Set−Up
7
8
9
*Includes all probe and jig capacitance.
8
9
CONTROL
OR
ENABLE
VCC
7
8
9
VEE
CL*
CL*
RL
SELECTED
CONTROL
INPUT
VCC
TEST
POINT
ANALOG I/O
7
8
9
VEE
7
8
9
VEE
50%
50%
90%
10%
tPZL
tPLZ
tPZH
tPHZ
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
VCC
GND
50%
ANALOG
OUT
CONTROL
ENABLE
tr
tf




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl