Electronic Components Datasheet Search
Selected language     English  ā–¼


MC74VHC4316_11 Datasheet(PDF) 9 Page - ON Semiconductor

Part No. MC74VHC4316_11
Description  Digital Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 9 page
background image
MC74VHC4316
http://onsemi.com
9
APPLICATIONS INFORMATION
0
-10
-20
-30
-40
-50
- 100
1.0
2.0
FREQUENCY (kHz)
-60
-70
-80
-90
FUNDAMENTAL FREQUENCY
DEVICE
SOURCE
Figure 14. Plot, Harmonic Distortion
3.0
The Enable and Control pins should be at VCC or GND
logic levels, VCC being recognized as logic high and GND
being recognized as a logic low. Unused analog
inputs/outputs may be left floating (not connected).
However, it is advisable to tie unused analog inputs and
outputs to VCC or VEE through a low value resistor. This
minimizes crosstalk and feedthrough noise that may be
picked up by the unused I/O pins.
The maximum analog voltage swings are determined by
the supply voltages VCC and VEE. The positive peak analog
voltage should not exceed VCC. Similarly, the negative peak
analog voltage should not go below VEE. In the example
below, the difference between VCC and VEE is 12 V.
Therefore, using the configuration in Figure 15, a maximum
analog signal of twelve volts peakāˆ’toāˆ’peak can be
controlled.
When voltage transients above VCC and/or below VEE are
anticipated on the analog channels, external diodes (Dx) are
recommended as shown in Figure 16. These diodes should
be small signal, fast turnāˆ’on types able to absorb the
maximum anticipated current surges during clipping. An
alternate method would be to replace the Dx diodes with
MOSORBs (MOSORB
t is an acronym for high current
surge protectors). MOSORBs are fast turnāˆ’on devices
ideally suited for precise dc protection with no inherent wear
out mechanism.
ANALOG O/I
ON
16
VCC = 6 V
ANALOG I/O
+ 6 V
-6 V
+ 6 V
-6 V
ENABLE CONTROL
INPUTS
(VCC OR GND)
ON
16
VCC
Dx
Dx
VCC
Dx
Figure 15.
Figure 16. Transient Suppressor Application
8
SELECTED
CONTROL
INPUT
Dx
SELECTED
CONTROL
INPUT
+ 6 V
VEE
-6 V
VCC
VEE
ENABLE CONTROL
INPUTS
(VCC OR GND)
VEE
VEE




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl