Electronic Components Datasheet Search
Selected language     English  ▼


MC74VHC4316_11 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC74VHC4316_11
Description  Digital Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 1 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 3
1
Publication Order Number:
MC74VHC4316/D
MC74VHC4316
Quad Analog Switch/
Multiplexer/Demultiplexer
with Separate Analog and
Digital Power Supplies
High−Performance Silicon−Gate CMOS
The MC74VHC4316 utilizes silicon−gate CMOS technology to
achieve fast propagation delays, low ON resistances, and low
OFF−channel leakage current. This bilateral switch/multiplexer/
demultiplexer controls analog and digital voltages that may vary
across the full analog power−supply range (from VCC to VEE).
The VHC4316 is similar in function to the metal−gate CMOS
MC14016 and MC14066, and to the High−Speed CMOS HC4066A.
Each device has four independent switches. The device control and
Enable inputs are compatible with standard CMOS outputs; with
pullup resistors, they are compatible with LSTTL outputs. The device
has been designed so that the ON resistances (RON) are much more
linear over input voltage than RON of metal−gate CMOS analog
switches. Logic−level translators are provided so that the On/Off
Control and Enable logic−level voltages need only be VCC and GND,
while the switch is passing signals ranging between VCC and VEE.
When the Enable pin (active−low) is high, all four analog switches are
turned off.
Features
Logic−Level Translator for On/Off Control and Enable Inputs
Fast Switching and Propagation Speeds
High ON/OFF Output Voltage Ratio
Diode Protection on All Inputs/Outputs
Analog Power−Supply Voltage Range (VCC − VEE) = 2.0 to 12.0 V
Digital (Control) Power−Supply Voltage Range
(VCC − GND) = 2.0 V to 6.0 V, Independent of VEE
Improved Linearity of ON Resistance
Chip Complexity: 66 FETs or 16.5 Equivalent Gates
These Devices are Pb−Free and are RoHS Compliant
http://onsemi.com
MARKING
DIAGRAMS
SOIC−16
D SUFFIX
CASE 751B
1
16
1
16
VHC4316G
AWLYWW
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
TSSOP−16
DT SUFFIX
CASE 948F
1
16
VHC
4316
ALYWG
G
1
16
(Note: Microdot may be in either location)
Device
Package
Shipping
ORDERING INFORMATION
48 Units / Rail
MC74VHC4316DG
SOIC−16
(Pb−Free)
MC74VHC4316DTG
TSSOP16
(Pb−Free)
96 Units / Rail
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOIC−16
(Pb−Free)
MC74VHC4316DR2G
2500/Tape&Reel
MC74VHC4316DTR2G TSSOP16
(Pb−Free)
2500/Tape&Reel




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl