Electronic Components Datasheet Search
Selected language     English  ▼


MC74VHC4316_11 Datasheet(PDF) 10 Page - ON Semiconductor

Part No. MC74VHC4316_11
Description  Digital Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 10 page
background image
MC74VHC4316
http://onsemi.com
10
VCC = 5 V
16
VHC4316
ENABLE
AND
CONTROL
INPUTS
8
5
6
14
15
TTL
ANALOG
SIGNALS
R*
ANALOG
SIGNALS
HCT
BUFFER
R* = 2 TO 10 k
W
CHANNEL 4
CHANNEL 3
CHANNEL 2
CHANNEL 1
1 OF 4
SWITCHES
COMMON I/O
12
3
4
CONTROL INPUTS
INPUT
OUTPUT
0.01
mF
LF356 OR
EQUIVALENT
a. Using Pull−Up Resistors
b. Using HCT Buffer
Figure 17. LSTTL/NMOS to HCMOS Interface
Figure 18. Switching a 0−to−12 V Signal Using a
Single Power Supply (GND ≠ 0 V)
Figure 19. 4−Input Multiplexer
Figure 20. Sample/Hold Amplifier
+
-
1 OF 4
SWITCHES
+5 V
16
HC4016A
CONTROL
INPUTS
7
5
6
14
15
LSTTL/
NMOS
ANALOG
SIGNALS
ANALOG
SIGNALS
1 OF 4
SWITCHES
1 OF 4
SWITCHES
1 OF 4
SWITCHES
7
R*
R*
R*
R*
VEE = 0
TO -6 V
9
VEE = 0
TO -6 V
9
12 V
POWER
SUPPLY
R1 = R2
R1
R2
VCC = 12 V
VEE = 0 V
GND = 6 V
12 VPP
ANALOG
INPUT
SIGNAL
C
R3
R4
VCC
VEE
1 OF 4
SWITCHES
ANALOG
OUTPUT
SIGNAL
12 V
0
R1 = R2
R3 = R4




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl