Electronic Components Datasheet Search
Selected language     English  ▼


MC74VHC4316_11 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC74VHC4316_11
Description  Digital Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 4 page
background image
MC74VHC4316
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS Digital Section (Voltages Referenced to GND) VEE = GND Except Where Noted
Symbol
Parameter
Test Conditions
VCC
V
Guaranteed Limit
Unit
– 55 to
25°C
v 85°C
v 125°C
VIH
Minimum High−Level Voltage, Control
or Enable Inputs
Ron = Per Spec
2.0
3.0
4.5
6.0
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
V
VIL
Maximum Low−Level Voltage, Control
or Enable Inputs
Ron = Per Spec
2.0
3.0
4.5
6.0
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
V
Iin
Maximum Input Leakage Current,
Control or Enable Inputs
Vin = VCC or GND
VEE = – 6.0 V
6.0
± 0.1
± 1.0
± 1.0
mA
ICC
Maximum Quiescent Supply Current
(per Package)
Vin = VCC or GND
VIO = 0 V
VEE = GND
VEE = – 6.0
6.0
6.0
2
4
20
40
40
160
mA
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book
(DL129/D).
DC ELECTRICAL CHARACTERISTICS Analog Section (Voltages Referenced to VEE)
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
Guaranteed Limit
Unit
– 55 to
25°C
v 85°C
v 125°C
Ron
Maximum “ON” Resistance
Vin = VIH
VIS = VCC to VEE
IS v 2.0 mA
2.0*
4 5
4.5
6.0
0.0
0.0
− 4.5
− 6.0
160
90
90
200
110
110
240
130
130
W
Vin = VIH
VIS = VCC or VEE (Endpoints)
IS v 2.0 mA
2.0
4.5
4.5
6.0
0.0
0.0
− 4.5
− 6.0
90
70
70
115
90
90
140
105
105
DRon
Maximum Difference in “ON”
Resistance Between Any Two
Channels in the Same Package
Vin = VIH
VIS = 1/2 (VCC − VEE)
IS v 2.0 mA
2.0
4.5
4.5
6.0
0.0
0.0
– 4.5
– 6.0
20
15
15
25
20
20
30
25
25
W
Ioff
Maximum Off−Channel
Leakage Current, Any One
Channel
Vin = VIL
VIO = VCC or VEE
Switch Off (Figure 3)
6.0
– 6.0
0.1
0.5
1.0
mA
Ion
Maximum On−Channel
Leakage Current, Any One
Channel
Vin = VIH
VIS = VCC or VEE
(Figure 4)
6.0
– 6.0
0.1
0.5
1.0
mA
NOTE: Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book
(DL129/D).
*At supply voltage (VCC − VEE) approaching 2.0 V the analog switch−on resistance becomes extremely non−linear. Therefore, for low−voltage
operation, it is recommended that these devices only be used to control digital signals.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl