Electronic Components Datasheet Search
Selected language     English  â–¼


MC74VHC1GT08_13 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC74VHC1GT08_13
Description  2-Input AND Gate/CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 4 page
background image
MC74VHC1GT08
http://onsemi.com
4
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
GND
50%
50% VCC
Input A or B
Output Y
tPHL
tPLH
50% VCC
VOL
VOH
Figure 4. Switching Waveforms
Figure 5. Test Circuit
ORDERING INFORMATION
Device
Package
Shipping†
M74VHC1GT08DFT1G
SC−88A / SOT−353 / SC−70
(Pb−Free)
3000 / Tape & Reel
NLVVHC1GT08DFT1G*
M74VHC1GT08DFT2G
SC−88A / SOT−353 / SC−70
(Pb−Free)
NLVVHC1GT08DFT2G*
M74VHC1GT08DTT1G
TSOP−5 / SOT−23 / SC−59
(Pb−Free)
NLVVHC1GT08DTT1G*
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl