Electronic Components Datasheet Search
Selected language     English  ▼


MC74VHC1G14_13 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. MC74VHC1G14_13
Description  Single Schmitt-Trigger Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 2013
February, 2013 − Rev. 19
1
Publication Order Number:
MC74VHC1G14/D
MC74VHC1G14
Single Schmitt-Trigger
Inverter
The MC74VHC1G14 is a single gate CMOS Schmitt−trigger
inverter fabricated with silicon gate CMOS technology.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output.
The MC74VHC1G14 input structure provides protection when
voltages up to 7 V are applied, regardless of the supply voltage. This
allows the MC74VHC1G14 to be used to interface 5 V circuits to 3 V
circuits.
The MC74VHC1G14 can be used to enhance noise immunity or to
square up slowly changing waveforms.
Features
High Speed: tPD = 4 ns (Typ) at VCC = 5 V
Low Power Dissipation: ICC = 1.0 mA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: FETs = 101
These Devices are Pb−Free and are RoHS Compliant
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
Figure 1. Pinout (Top View)
VCC
NC
IN A
OUT Y
GND
IN A
OUT Y
Figure 2. Logic Symbol
1
2
3
4
5
1
http://onsemi.com
MARKING
DIAGRAMS
FUNCTION TABLE
L
H
A Input
Y Output
H
L
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
4
5VCC
OUT Y
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
VA
= Device Code
M
= Date Code*
G
= Pb−Free Package
VA M G
G
1
5
VA M G
G
1
5
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.
TSOP−5 / SOT−23 / SC−59
DT SUFFIX
CASE 483
SC−88A / SOT−353 / SC−70
DF SUFFIX
CASE 419A




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl