Electronic Components Datasheet Search
Selected language     English  ▼


MC74LCX86_12 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MC74LCX86_12
Description  Low-Voltage CMOS Quad 2-Input XOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 3 page
background image
MC74LCX86
http://onsemi.com
3
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Units
VCC
Supply Voltage
Operating
Data Retention Only
2.0
1.5
3.3
3.3
3.6
3.6
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage (HIGH or LOW State)
0
VCC
V
IOH
HIGH Level Output Current, VCC = 3.0 V − 3.6 V
−24
mA
IOL
LOW Level Output Current, VCC = 3.0 V − 3.6 V
24
mA
IOH
HIGH Level Output Current, VCC = 2.7 V − 3.0 V
−12
mA
IOL
LOW Level Output Current, VCC = 2.7 V − 3.0 V
12
mA
TA
Operating Free−Air Temperature
−40
+85
C
Dt/DV
Input Transition Rise or Fall Rate, VIN from 0.8 V to 2.0 V,
VCC = 3.0 V
0
10
ns/V
DC ELECTRICAL CHARACTERISTICS
TA = −40C to +85C
Symbol
Characteristic
Condition
Min
Max
Units
VIH
HIGH Level Input Voltage (Note 2)
2.7 V  VCC  3.6 V
2.0
V
VIL
LOW Level Input Voltage (Note 2)
2.7 V  VCC  3.6 V
0.8
V
VOH
HIGH Level Output Voltage
2.7 V  VCC  3.6 V; IOH = −100 mA
VCC − 0.2
V
VCC = 2.7 V; IOH = −12 mA
2.2
VCC = 3.0 V; IOH = −18 mA
2.4
VCC = 3.0 V; IOH = −24 mA
2.2
VOL
LOW Level Output Voltage
2.7 V  VCC  3.6 V; IOL = 100 mA
0.2
V
VCC = 2.7 V; IOL= 12 mA
0.4
VCC = 3.0 V; IOL = 16 mA
0.4
VCC = 3.0 V; IOL = 24 mA
0.55
IOFF
Power Off Leakage Current
VCC = 0, VIN = 5.5 V or VOUT = 5.5 V
10
mA
IIN
Input Leakage Current
VCC = 3.6 V, VIN = 5.5 V or GND
5
mA
ICC
Quiescent Supply Current
VCC = 3.6 V, VIN = 5.5 V or GND
10
mA
DICC
Increase in ICC per Input
2.3  VCC  3.6 V; VIH = VCC − 0.6 V
500
mA
2. These values of VI are used to test DC electrical characteristics only.
AC CHARACTERISTICS (tR = tF = 2.5ns; CL = 50pF; RL = 500W)
Limits
TA = −40C to +85C
VCC = 3.0 V to 3.6 V
VCC = 2.7 V
Symbol
Parameter
Waveform
Min
Max
Max
Units
tPLH
tPHL
Propagation Delay Input to Output
1,2
1.5
1.5
6.5
6.5
7.0
7.0
ns
tOSHL
tOSLH
Output−to−Output Skew (Note 3)
1.0
1.0
ns
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl