Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G14DFT2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHC1G14DFT2G
Description  Single Schmitt-Trigger Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G14DFT2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHC1G14DFT2G Datasheet HTML 1Page - ON Semiconductor MC74VHC1G14DFT2G Datasheet HTML 2Page - ON Semiconductor MC74VHC1G14DFT2G Datasheet HTML 3Page - ON Semiconductor MC74VHC1G14DFT2G Datasheet HTML 4Page - ON Semiconductor MC74VHC1G14DFT2G Datasheet HTML 5Page - ON Semiconductor MC74VHC1G14DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
February, 2013 − Rev. 19
1
Publication Order Number:
MC74VHC1G14/D
MC74VHC1G14
Single Schmitt-Trigger
Inverter
The MC74VHC1G14 is a single gate CMOS Schmitt−trigger
inverter fabricated with silicon gate CMOS technology.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output.
The MC74VHC1G14 input structure provides protection when
voltages up to 7 V are applied, regardless of the supply voltage. This
allows the MC74VHC1G14 to be used to interface 5 V circuits to 3 V
circuits.
The MC74VHC1G14 can be used to enhance noise immunity or to
square up slowly changing waveforms.
Features
High Speed: tPD = 4 ns (Typ) at VCC = 5 V
Low Power Dissipation: ICC = 1.0 mA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: FETs = 101
These Devices are Pb−Free and are RoHS Compliant
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
Figure 1. Pinout (Top View)
VCC
NC
IN A
OUT Y
GND
IN A
OUT Y
Figure 2. Logic Symbol
1
2
3
4
5
1
http://onsemi.com
MARKING
DIAGRAMS
FUNCTION TABLE
L
H
A Input
Y Output
H
L
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
4
5VCC
OUT Y
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
VA
= Device Code
M
= Date Code*
G
= Pb−Free Package
VA M G
G
1
5
VA M G
G
1
5
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.
TSOP−5 / SOT−23 / SC−59
DT SUFFIX
CASE 483
SC−88A / SOT−353 / SC−70
DF SUFFIX
CASE 419A


Similar Part No. - MC74VHC1G14DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G14DFT2G ONSEMI-MC74VHC1G14DFT2G Datasheet
71Kb / 6P
   Single Schmitt?뭈rigger Inverter
January, 2007 ??Rev. 17
MC74VHC1G14DFT2G ONSEMI-MC74VHC1G14DFT2G Datasheet
204Kb / 14P
   Single Schmitt-Trigger Inverter
November, 2018 ??Rev. 21
MC74VHC1G14DFT2G ONSEMI-MC74VHC1G14DFT2G Datasheet
452Kb / 15P
   Single Schmitt-Trigger Inverter
March, 2022 ??Rev. 26
MC74VHC1G14DFT2G-F22038 ONSEMI-MC74VHC1G14DFT2G-F22038 Datasheet
452Kb / 15P
   Single Schmitt-Trigger Inverter
March, 2022 ??Rev. 26
More results

Similar Description - MC74VHC1G14DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com