Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX16245 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74LCX16245
Description  Low-Voltage CMOS 16-Bit Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX16245 Datasheet(HTML) 7 Page - ON Semiconductor

  MC74LCX16245 Datasheet HTML 1Page - ON Semiconductor MC74LCX16245 Datasheet HTML 2Page - ON Semiconductor MC74LCX16245 Datasheet HTML 3Page - ON Semiconductor MC74LCX16245 Datasheet HTML 4Page - ON Semiconductor MC74LCX16245 Datasheet HTML 5Page - ON Semiconductor MC74LCX16245 Datasheet HTML 6Page - ON Semiconductor MC74LCX16245 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MC74LCX16245
http://onsemi.com
7
PACKAGE DIMENSIONS
TSSOP−48
DT SUFFIX
CASE 1201−01
ISSUE B
S
U
M
0.12 (0.005)
V S
T
−V−
B
A
L
K
−U−
48X
REF
PIN 1
IDENT.
124
25
48
0.076 (0.003)
SEATING
D
−T−
PLANE
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
12.40
12.60
0.488
0.496
B
6.00
6.20
0.236
0.244
C
−−−
1.10
−−−
0.043
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.50 BSC
0.0197 BSC
H
0.37
−−−
0.015
−−−
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.17
0.27
0.007
0.011
K1
0.17
0.23
0.007
0.009
L
7.95
8.25
0.313
0.325
M
0
8
0
8
__
__
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS OR GATE
BURRS. MOLD FLASH OR GATE BURRS
SHALL NOT EXCEED 0.15 (0.006) PER SIDE.
4. DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL
IN EXCESS OF THE K DIMENSION AT
MAXIMUM MATERIAL CONDITION.
5. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6. DIMENSIONS A AND B ARE TO BE
DETERMINED AT DATUM PLANE −W−.
C
G
H
−W−
DETAIL E
J
K1
K
J1
SECTION N−N
M
0.25 (0.010)
F
DETAIL E
N
N
8.45
48X
0.32
0.50
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT
RECOMMENDED
48X
1.00
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
MC74LCX16245/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MC74LCX16245

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX16245 MOTOROLA-MC74LCX16245 Datasheet
118Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER
logo
ON Semiconductor
MC74LCX16245 ONSEMI-MC74LCX16245 Datasheet
95Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 7
logo
Motorola, Inc
MC74LCX16245DT MOTOROLA-MC74LCX16245DT Datasheet
118Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER
logo
ON Semiconductor
MC74LCX16245DT ONSEMI-MC74LCX16245DT Datasheet
95Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 7
MC74LCX16245DTG ONSEMI-MC74LCX16245DTG Datasheet
95Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 7
More results

Similar Description - MC74LCX16245

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX16245 MOTOROLA-MC74LCX16245 Datasheet
118Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER
MC74LCX16646 MOTOROLA-MC74LCX16646 Datasheet
164Kb / 10P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LCX16543 MOTOROLA-MC74LCX16543 Datasheet
142Kb / 8P
   LOW-VOLTAGE CMOS 16-BIT LATCHING TRANSCEIVER
MC74LCX16543A MOTOROLA-MC74LCX16543A Datasheet
136Kb / 8P
   LOW-VOLTAGE CMOS 16-BIT LATCHING TRANSCEIVER
logo
Aeroflex Circuit Techno...
UT54ACS162245SLV AEROFLEX-UT54ACS162245SLV Datasheet
215Kb / 13P
   Schmitt CMOS 16-bit Bidirectional MultiPurpose Low Voltage Transceiver
logo
Motorola, Inc
MC74LCX16652 MOTOROLA-MC74LCX16652 Datasheet
172Kb / 10P
   LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
logo
ON Semiconductor
74LVT162245 ONSEMI-74LVT162245 Datasheet
207Kb / 11P
   Low Voltage 16-Bit Transceiver
Revised June 2005
74LCXP16245 ONSEMI-74LCXP16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised June 2005
74LCX16245 ONSEMI-74LCX16245 Datasheet
229Kb / 11P
   Low Voltage 16-Bit Bidirectional Transceiver
Revised May 2005
74LCX16646 ONSEMI-74LCX16646 Datasheet
228Kb / 12P
   Low Voltage 16-Bit Transceiver/Register
Revised August 2002
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com