Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC1G02DTT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HC1G02DTT1G
Description  Single 2-Input NOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC1G02DTT1G Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HC1G02DTT1G Datasheet HTML 1Page - ON Semiconductor MC74HC1G02DTT1G Datasheet HTML 2Page - ON Semiconductor MC74HC1G02DTT1G Datasheet HTML 3Page - ON Semiconductor MC74HC1G02DTT1G Datasheet HTML 4Page - ON Semiconductor MC74HC1G02DTT1G Datasheet HTML 5Page - ON Semiconductor MC74HC1G02DTT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74HC1G02
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25_C
TA v 85_C
*55_C v TA v 125_C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
VIH
Minimum High−Level
Input Voltage
2.0
3.0
4.5
6.0
1.5
2.1
3.15
4.20
1.5
2.1
3.15
4.20
1.5
2.1
3.15
4.20
V
VIL
Maximum Low−Level
Input Voltage
2.0
3.0
4.5
6.0
0.5
0.9
1.35
1.80
0.5
0.9
1.35
1.80
0.5
0.9
1.35
1.80
V
VOH
Minimum High−Level
Output Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOH = −20 mA
2.0
3.0
4.5
6.0
1.9
2.9
4.4
5.9
2.0
3.0
4.5
6.0
1.9
2.9
4.4
5.9
1.9
2.9
4.4
5.9
V
VIN = VIH or VIL
IOH = −2 mA
IOH = −2.6 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
4.08
5.58
VOL
Maximum Low−Level
Output Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOL = 20 mA
2.0
3.0
4.5
6.0
0.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 2 mA
IOL = 2.6 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
0.40
0.40
IIN
Maximum Input
Leakage Current
VIN = 6.0 V or GND
6.0
$0.1
$1.0
$1.0
mA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
6.0
1.0
10
40
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 6.0 ns)
TA = 25_C
TA v 85_C
*55_C v TA v 125_C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH,
tPHL
Maximum
Propagation Delay,
Input A or B to Y
VCC = 5.0 V
CL = 15 pF
3.5
15
20
25
ns
VCC = 2.0 V
CL = 50 pF
VCC = 3.0 V
VCC = 4.5 V
VCC = 6.0 V
19
10.5
7.5
6.5
100
27
20
17
125
35
25
21
155
90
35
26
tTLH,
tTHL
Output Transition
Time
VCC = 5.0 V
CL = 15 pF
3
10
15
20
ns
VCC = 2.0 V
CL = 50 pF
VCC = 3.0 V
VCC = 4.5 V
VCC = 6.0 V
25
16
11
9
125
35
25
21
155
45
31
26
200
60
38
32
CIN
Maximum Input
Capacitance
5
10
10
10
pF
Typical @ 25_C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Note 6)
10
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - MC74HC1G02DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G02DTT1G ONSEMI-MC74HC1G02DTT1G Datasheet
63Kb / 6P
   Single 2-Input NOR Gate
January, 2005 ??Rev. 8
MC74HC1G02DTT1G ONSEMI-MC74HC1G02DTT1G Datasheet
171Kb / 9P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 10
MC74HC1G02DTT1G ONSEMI-MC74HC1G02DTT1G Datasheet
290Kb / 10P
   Single 2-Input NOR Gate
March, 2022?뭃ev. 12
MC74HC1G02DTT1G ONSEMI-MC74HC1G02DTT1G Datasheet
131Kb / 7P
   Single 2-Input NOR Gate
May, 2023 - Rev. 0
More results

Similar Description - MC74HC1G02DTT1G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
logo
Rohm
BU4S01 ROHM-BU4S01 Datasheet
39Kb / 4P
   Single 2-input NOR gate
logo
ON Semiconductor
NL17SG02 ONSEMI-NL17SG02 Datasheet
93Kb / 9P
   Single 2-Input NOR Gate
November, 2014 ??Rev. 6
MC74VHC1G02 ONSEMI-MC74VHC1G02_V01 Datasheet
183Kb / 14P
   Single 2-Input NOR Gate
March, 2022 ??Rev. 22
logo
Nexperia B.V. All right...
74LVC1G02-Q100 NEXPERIA-74LVC1G02-Q100 Datasheet
204Kb / 11P
   Single 2-input NOR gate
logo
Unisonic Technologies
U74AUC1G02 UTC-U74AUC1G02_15 Datasheet
187Kb / 5P
   SINGLE 2-INPUT NOR GATE
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_15 Datasheet
1Mb / 16P
   Single 2-Input NOR Gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_18 Datasheet
171Kb / 9P
   Single 2-Input NOR Gate
November, 2018 ??Rev. 10
MC74HC1G02 ONSEMI-MC74HC1G02_V01 Datasheet
290Kb / 10P
   Single 2-Input NOR Gate
March, 2022?뭃ev. 12
logo
NXP Semiconductors
74LVC1G02 PHILIPS-74LVC1G02 Datasheet
85Kb / 14P
   Single 2-input NOR gate
2004 Sep 07
logo
ON Semiconductor
MC74VHC1G02 ONSEMI-MC74VHC1G02 Datasheet
99Kb / 8P
   SINGLE 2-INPUT NOR GATE
December, 1999 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com