Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEE01B48-7 Datasheet(PDF) 2 Page - Astec America, Inc

Part # AEE01B48-7
Description  Industry standard package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEE01B48-7 Datasheet(HTML) 2 Page - Astec America, Inc

  AEE01B48-7 Datasheet HTML 1Page - Astec America, Inc AEE01B48-7 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Par k
Merry Hill, Dudley
Wes t Midlands , DY5 1LX , UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
F acsimile : 760-930-0698
3
Ordering Information
www.Emerson.com/EmbeddedPower
ASIA
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: 852-2176-3333
F acs imile: 852-2176-3888
Input
Output
Efficiency
Model Number
Voltage
Voltage
18-36 V
3.3 @ 4.5 A
85%
AEE04F24-19 7
36-75 V
2.5 @ 4.5 A
83%
AEE04G48-19 7 (EOL)
36-75 V
3.3 @ 4.5 A
86%
AEE 04F 48-7
36-75 V
3.3 @ 4.5 A
86%
AEE04F48-9 7
36-75 V
3.3 @ 4.5 A
86%
AEE04F48-1 7
36-75 V
3.3 @ 4.5 A
86%
AEE04F48-19 7
36-75 V
5.0 @ 3.0 A
87%
AEE03A48- 7
36-75 V
5.0 @ 3.0 A
87%
AEE03A48-9 7
36-75 V
5.0 @ 3.0 A
87%
AEE03A48-1 7
36-75 V
5.0 @ 3.0 A
87%
AEE03A48-19 7
36-75 V
12.0 @ 1.25 A
87%
AEE01B48- 7
36-75 V
12.0 @ 1.25 A
87%
AEE01B48-9 7
36-75 V
12.0 @ 1.25 A
87%
AEE01B48-1 7
36-75 V
12.0 @ 1.25 A
87%
AEE01B48-19 7
36-75 V
±12V @ ±.63A
87%
AEE 01BB 48-7
NOTES :
Enable Function: “1”= negative logic enable, without“1”= positive logic enable
Trim Feature: “9”= Trim feature, without“9”= no Trim
Pin length: “7”= 5.6mm pin length
Notes:
1. Refer to Technical Reference Note (App Note) for
recommended input/outputfiltering
2. All specifications are typical at nominal line, full load,
and 25°C unless otherwise noted.
3. All specifications subject to change without notice.
4. Mechanical drawings are for reference only.
Mechanical Dimensions and Pin Assignments


Similar Part No. - AEE01B48-7

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE01B48-7 ASTEC-AEE01B48-7 Datasheet
473Kb / 2P
   Total Power: 15 Watts, Input Voltages: 48V, 24V, No. of Outputs: Single, Dual
logo
Emerson Network Power
AEE01B48-7 EMERSON-NETWORKPOWER-AEE01B48-7 Datasheet
114Kb / 2P
   15 W, Single, Dual output
More results

Similar Description - AEE01B48-7

ManufacturerPart #DatasheetDescription
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
MVAV3 MMD-MVAV3 Datasheet
136Kb / 2P
   Industry Standard Package
MVKL2 MMD-MVKL2 Datasheet
85Kb / 1P
   Industry Standard Package
MTEH MMD-MTEH Datasheet
145Kb / 2P
   Industry Standard Package
MAC MMD-MAC Datasheet
81Kb / 1P
   Industry Standard Package
MAH MMD-MAH Datasheet
91Kb / 1P
   Industry Standard Package
logo
Power-One
QES050YE POWER-ONE-QES050YE Datasheet
151Kb / 3P
   Industry Standard Package
logo
MMD Components
MVAP5 MMD-MVAP5 Datasheet
136Kb / 2P
   Industry Standard Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com