Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEE01B48-17 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEE01B48-17
Description  Industry standard package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEE01B48-17 Datasheet(HTML) 1 Page - Astec America, Inc

  AEE01B48-17 Datasheet HTML 1Page - Astec America, Inc AEE01B48-17 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-760-930-4600
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2176-3333
2
Special Features
Electrical Specs
15 Watts
AEE 04
AEE01-Dual
• 15 W, S ingle, Dual output
• High Efficiency
• 2:1 Input range
• 1.0" x 2.0" x 0.4 case
• Industry standard package
• Low Profile
• Low Cos t
Operating base temperature range:
-40°C to +105°C
Storage temperature: -55°C to +125°C
MTBF: 1.5 Million Hours (Belcore TR332 )
UL
UL1950 Recognition
CSA
CSA22.2-950 Recognition
TUV
EN60950 Certified
C E
CE Mark
Input
Input range
18 to 36 VDC
36 to 75 VDC
Efficiency
86% typical (3.3V)
Output
Voltage tolerance
2.45 - 2.55V (2.5V)
3.24 - 3.36V (3.3V)
4.95 - 5.05V (5.0V)
11.88 - 12.12V (12.0V)
Dual +12 (1%), -12V(5% )
Overall regulation
±1% max
Dual
+12V(±1% max)
-12V(±10% max)
Noise/ripple
2.5% (mV P-P) Max
Transient respons e
2%Vo, 100 usec typical (25% step
load change)
Temperature Regulation
±0.04 %Vo/°C
Switching frequency
290kHz
Isola tion
I/O isolation
1500 VDC
Input to Case
1500 VDC
Output to Case
1500 VDC
Total Power:
15 Watts
Input Voltages:
48V, 24V
No. of Outputs:
Single , Dual
Environmental
Safet y


Similar Part No. - AEE01B48-17

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEE01B48-17 EMERSON-NETWORKPOWER-AEE01B48-17 Datasheet
114Kb / 2P
   15 W, Single, Dual output
More results

Similar Description - AEE01B48-17

ManufacturerPart #DatasheetDescription
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
MVAV3 MMD-MVAV3 Datasheet
136Kb / 2P
   Industry Standard Package
MVKL2 MMD-MVKL2 Datasheet
85Kb / 1P
   Industry Standard Package
MTEH MMD-MTEH Datasheet
145Kb / 2P
   Industry Standard Package
MAC MMD-MAC Datasheet
81Kb / 1P
   Industry Standard Package
MAH MMD-MAH Datasheet
91Kb / 1P
   Industry Standard Package
logo
Power-One
QES050YE POWER-ONE-QES050YE Datasheet
151Kb / 3P
   Industry Standard Package
logo
MMD Components
MVAP5 MMD-MVAP5 Datasheet
136Kb / 2P
   Industry Standard Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com