Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC132ADR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC132ADR2G
Description  Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC132ADR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC132ADR2G Datasheet HTML 1Page - ON Semiconductor MC74HC132ADR2G Datasheet HTML 2Page - ON Semiconductor MC74HC132ADR2G Datasheet HTML 3Page - ON Semiconductor MC74HC132ADR2G Datasheet HTML 4Page - ON Semiconductor MC74HC132ADR2G Datasheet HTML 5Page - ON Semiconductor MC74HC132ADR2G Datasheet HTML 6Page - ON Semiconductor MC74HC132ADR2G Datasheet HTML 7Page - ON Semiconductor MC74HC132ADR2G Datasheet HTML 8Page - ON Semiconductor MC74HC132ADR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC74HC132A
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
*55_C to 25_C
v85_C
v125_C Unit
VT+max Maximum Positive−Going
Input Threshold Voltage
(Figure 5)
VOUT = 0.1 V
|IOUT| v 20 mA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VT+min
Minimum Positive−Going
Input Threshold Voltage
(Figure 5)
VOUT = 0.1 V
|IOUT| v 20 mA
2.0
4.5
6.0
1.0
2.3
3.0
0.95
2.25
2.95
0.95
2.25
2.95
V
VT–max Maximum Negative−Going
Input Threshold Voltage
(Figure 5)
VOUT = VCC – 0.1 V
|IOUT| v 20 mA
2.0
4.5
6.0
0.9
2.0
2.6
0.95
2.05
2.65
0.95
2.05
2.65
V
VT–min
Minimum Negative−Going
Input Threshold Voltage
(Figure 5)
VOUT = VCC – 0.1 V
|IOUT| v 20 mA
2.0
4.5
6.0
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
VHmax
(Note 7)
Maximum Hysteresis
Voltage
(Figure 5)
VOUT = 0.1 V or VCC – 0.1 V
|IOUT| v 20 mA
2.0
4.5
6.0
1.2
2.25
3.0
1.2
2.25
3.0
1.2
2.25
3.0
V
VHmin
(Note 7)
Minimum Hysteresis
Voltage
(Figure 5)
VOUT = 0.1 V or VCC – 0.1 V
|IOUT| v 20 mA
2.0
4.5
6.0
0.2
0.4
0.5
0.2
0.4
0.5
0.2
0.4
0.5
V
VOH
Minimum High−Level
Output Voltage
VIN v VT−min or VT+max
|IOUT| v 20 mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN v −VT−min or VT+max
|IOUT| v 4.0 mA
|IOUT| v 5.2 mA
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low−Level
Output Voltage
VIN ≥ VT+max
|IOUT| v 20 mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN ≥ VT+max
|IOUT| v 4.0 mA
|IOUT| v 5.2 mA
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
IIN
Maximum Input Leakage
Current
VIN = VCC or GND
6.0
$0.1
$1.0
$1.0
mA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN = VCC or GND
IOUT = 0 mA
6.0
1.0
10
40
mA
7. VHmin u (VT+min) * (VT−max); VHmax = (VT+max) ) (VT−min).


Similar Part No. - MC74HC132ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC132ADR2G ONSEMI-MC74HC132ADR2G Datasheet
115Kb / 10P
   Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 12
MC74HC132ADR2G ONSEMI-MC74HC132ADR2G Datasheet
250Kb / 10P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High?뭁erformance Silicon?묰ate CMOS
December, 2021-Rev. 17
More results

Similar Description - MC74HC132ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC132A ONSEMI-MC74HC132A Datasheet
148Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
March, 2000 ??Rev. 7
logo
Integral Corp.
IN74ACT132 INTEGRAL-IN74ACT132 Datasheet
154Kb / 4P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
IN74HCT132A INTEGRAL-IN74HCT132A Datasheet
127Kb / 6P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
National Semiconductor ...
DM74ALS132 NSC-DM74ALS132 Datasheet
164Kb / 6P
   DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
logo
ON Semiconductor
MC74HCT132A ONSEMI-MC74HCT132A Datasheet
174Kb / 9P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT132A ONSEMI-MC74HCT132A_16 Datasheet
91Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
September, 2016 ??Rev. 2
logo
Fairchild Semiconductor
DM74LS132 FAIRCHILD-DM74LS132 Datasheet
57Kb / 5P
   Quad 2-Input NAND Gate with Schmitt Trigger Input
logo
Unisonic Technologies
U74LVC1G132 UTC-U74LVC1G132 Datasheet
180Kb / 6P
   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_V01 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
SN74LVC2G132 TI-SN74LVC2G132 Datasheet
241Kb / 13P
[Old version datasheet]   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com