Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEW01CC48 Datasheet(PDF) 5 Page - Astec America, Inc

Part # AEW01CC48
Description  Two wide input voltage range
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC48 Datasheet(HTML) 5 Page - Astec America, Inc

  AEW01CC48 Datasheet HTML 1Page - Astec America, Inc AEW01CC48 Datasheet HTML 2Page - Astec America, Inc AEW01CC48 Datasheet HTML 3Page - Astec America, Inc AEW01CC48 Datasheet HTML 4Page - Astec America, Inc AEW01CC48 Datasheet HTML 5Page - Astec America, Inc AEW01CC48 Datasheet HTML 6Page - Astec America, Inc AEW01CC48 Datasheet HTML 7Page - Astec America, Inc AEW01CC48 Datasheet HTML 8Page - Astec America, Inc AEW01CC48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
5
Electrical Characteristic (continued)
List 5 Output characteristics
Parameter
Model
Symbol
Minimum
Typical
Maximum
Unit
AEW03AA24
Vo,set
!4.95
!5.0
!5.05
Vdc
AEW01BB24
Vo,set
!11.88
!12.0
!12.12
Vdc
AEW01CC24
Vo,set
!14.85
!15.0
!15.15
Vdc
AEW03AA48
Vo,set
!4.95
!5.0
!5.05
Vdc
AEW01BB48
Vo,set
!11.88
!12.0
!12.12
Vdc
Output setpoint
voltage
Condition:
1.
25
°C
ambient
temperature,
2. rated input,
3. full load
AEW01CC48
Vo,set
!14.85
!15.0
!15.15
Vdc
AEW03AA24
!Vo
!4.83
!5.0
!5.17
Vdc
AEW01BB24
!Vo
!11.6
!12.0
!12.4
Vdc
AEW01CC24
!Vo
!14.15
!15.0
!15.85
Vdc
AEW03AA48
!Vo
!4.83
!5.0
!5.17
Vdc
AEW01BB48
!Vo
!11.6
!12.0
!12.4
Vdc
Output voltage
Conditions:
1. Full input range,
output
range
and
ambient
temperature range.
2. 10%
100% load.
AEW01CC48
!Vo
!14.15
!15.0
!15.85
Vdc
Line regulation
Low
high
All
0.01%
0.2%
Load regulation
10%
100% rated
load (+Io=-Io)
All
0.01%
0.5%
Temperature
coefficiency
All
Tcoeff
0.02%
/
°C
AEW03AA24
11
25
mVrms
AEW01BB24
11
25
mVrms
AEW01CC24
15
25
mVrms
AEW03AA48
15
25
mVrms
AEW01BB48
16
25
mVrms
Output ripple
typical value
(testing method
reference to figure 4)
AEW01CC48
12
25
mVrms


Similar Part No. - AEW01CC48

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEW15-3889-A ALLIED-AEW15-3889-A Datasheet
2Mb / 3P
   EW15 Transformer, Meet UL Class B 130C UL File number E349541
More results

Similar Description - AEW01CC48

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
   Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
   Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
   Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
   Wide input voltage range
logo
MORNSUN Science& Techno...
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
   Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
   Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
   Ultra wide input voltage range
logo
Bel Fuse Inc.
RCM60 BEL-RCM60 Datasheet
2Mb / 16P
   Ultra-wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com