Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK60C-048L-033F30H Datasheet(PDF) 2 Page - Astec America, Inc

Part # BK60C-048L-033F30H
Description  Regulation to zero load
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

BK60C-048L-033F30H Datasheet(HTML) 2 Page - Astec America, Inc

  BK60C-048L-033F30H Datasheet HTML 1Page - Astec America, Inc BK60C-048L-033F30H Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.astec.com
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
183
D
C
D
C
P
O
W
E
R
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone:+44(0)1384-842211
Facsimile:+44(0)1384-843355
ASIA
6F., CDW Building
382-392 Castle Peak Road
Tsuen Wan, N.T., Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
O R D E R I N G I N F O R M A T I O N
Input
Output
Efficiency
Model Number
Voltage
Voltage
48V
1.8V @ 30A
76%
BK60C-048L-018F30H
48V
2.5V @ 30A
80%
BK60C-048L-025F30H
48V
3.3V @ 30A
85%
BK60C-048L-033F30H
48V
5.0V @ 30A
89%
BK60C-048L-050F30H
Rev 01.04.00
N O T E S
1. 20 mHz bandwidth. An external 2.2
µf ceramic
capacitor is recommended to be placed from +V out
to -V out.
2. Requires a 2.2
µf, 100V film capacitor connected
between +V in and -V in to meet FCC class A and
ETS300-386-1 requirements for conducted noise.
Consult Factory for filtering information to meet FCC
class B, VDE or EIC specifications.
3. All specifications are typical at nominal line, full load,
and 25°C unless otherwise noted.
4. All specifications subject to change without notice.
Mechanical drawings are for reference only.
5. Please refer to the Technical Reference Notes for
more information.
Case Material: Metal base, plastic cover
Weight: 2.75 Oz / 78 Grms
D I M E N S I O N S
Single Output
1.
-Vin
2.
Case
3.
Enable (on/off)
4.
+Vin
5.
-5V Rtn
6.
- Sense
7.
Trim
8.
+ Sense
9.
+5V Out
P I N A S S I G N M E N T S


Similar Part No. - BK60C-048L-033F30H

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
BK60C-048L-033F40H ASTEC-BK60C-048L-033F40H Datasheet
677Kb / 2P
   150 Watts
BK60C-048L-033F40H ASTEC-BK60C-048L-033F40H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
BK60C-048L-033F40HN ASTEC-BK60C-048L-033F40HN Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
More results

Similar Description - BK60C-048L-033F30H

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ15 ASTEC-ALQ15 Datasheet
408Kb / 2P
   Regulation to zero load
logo
Analog Intergrations Co...
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
   Load Regulation, typical - 2mV
logo
Unisonic Technologies
LR18230G-XX-S08-R UTC-LR18230G-XX-S08-R Datasheet
158Kb / 4P
   Good Line and Load Regulation
logo
Power Integrations, Inc...
LNK574 POWERINT-LNK574_V01 Datasheet
1Mb / 18P
   Zero No-Load or Zero Standby Consumption with up to 1 mW Output Load
November 2015
logo
Sangdest Microelectroni...
SLR1084 SMC-SLR1084 Datasheet
390Kb / 10P
   Extremely Tight Line and Load Regulation
logo
STMicroelectronics
L6902 STMICROELECTRONICS-L6902 Datasheet
203Kb / 11P
   Zero load current operation
November 2010 Rev 9
A5974AD STMICROELECTRONICS-A5974AD Datasheet
1Mb / 49P
   Zero load current operation
April 2011 Rev 1
A5974D STMICROELECTRONICS-A5974D Datasheet
2Mb / 46P
   Zero load current operation
June 2014 Rev 2
logo
International Rectifier
IR3846M IRF-IR3846M_15 Datasheet
3Mb / 54P
   Enhanced line/load regulation with Feed-Forward
logo
Texas Instruments
LP3875EMP-ADJ-NOPB TI-LP3875EMP-ADJ-NOPB Datasheet
1Mb / 20P
[Old version datasheet]   Ultra Low Dropout Voltage, Load Regulation of 0.06%
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com