Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGQ200-48S1V2B-4L Datasheet(PDF) 3 Page - Emerson Network Power

Part # AGQ200-48S1V2B-4L
Description  Delivering up to 40A output current
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AGQ200-48S1V2B-4L Datasheet(HTML) 3 Page - Emerson Network Power

  AGQ200-48S1V2B-4L Datasheet HTML 1Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 2Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 3Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 4Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 5Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 6Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 7Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 8Page - Emerson Network Power AGQ200-48S1V2B-4L Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AGQ200-48S1V2 DC-DC Converter
3/13
http://www.emersonnetworkpower.com.cn
Parameter
Min.
Typ.
Max.
Unit
Notes & Conditions
Total output voltage range
1.18
1.20
1.22
V
Output voltage ripple and noise
45
100
mVpp
20MHz bandwidth; Figure 3
Operating output current range
0
40
A
Output DC current-limit inception
44
56
A
Hiccup: auto-restart when
over-current condition is removed
Output capacitance
470
15000
µF
High frequency and low ESR are
recommended
Dynamic characteristics
25% ~ 50% ~ 25%
Io,max, 0.1A/µs
30
mV
Figure 5
Settling time
120
µs
Recovery to within 1% Vo,nom
25% ~ 50% ~ 25%
Io,max, 1A/µs
141
mV
Figure 6
Settling time
85
µs
Recovery to within 1% Vo,nom
0% ~ 50% ~ 0% Io,max,
0.1A/µs
45
mV
Dynamic
response
10% ~ 100% ~ 10%
Io,max, 0.1A/µs
35
mV
Rise time
5
30
ms
Full load, Figures 9 & 10
Turn-on delay time
3
10
ms
Turn-on
transient
Output voltage
overshoot
5
%Vo
Efficiency
100% load
85.0
%
Figure 1
50% load
86.6
%
Figure 1
Electrical Characteristics (Continued)
Parameter
Min.
Typ.
Max.
Unit
Notes & Conditions
Isolation characteristics
Isolation voltage (conditions:
1mA for 60s, slew rate of
1500V/10s)
2250
V
Basic insulation, pollution degree 2,
pollution degree 2, input to output


Similar Part No. - AGQ200-48S1V2B-4L

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
AGQ200 ADVANCEDENERGY-AGQ200 Datasheet
420Kb / 6P
   132 Watts
logo
Nais(Matsushita Electri...
AGQ20003 NAIS-AGQ20003 Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
logo
Panasonic Semiconductor
AGQ20003 PANASONIC-AGQ20003 Datasheet
125Kb / 5P
   High capacity 2 Amp, Flat and Compact package Telephone switchboard
logo
Nais(Matsushita Electri...
AGQ20006 NAIS-AGQ20006 Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
logo
Panasonic Semiconductor
AGQ20006 PANASONIC-AGQ20006 Datasheet
125Kb / 5P
   High capacity 2 Amp, Flat and Compact package Telephone switchboard
More results

Similar Description - AGQ200-48S1V2B-4L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AGQ200B-48S3V3 EMERSON-NETWORKPOWER-AGQ200B-48S3V3 Datasheet
320Kb / 14P
   Delivering up to 40A output current
logo
Analog Devices
MAX77675 AD-MAX77675 Datasheet
4Mb / 64P
   Low IQ SIMO PMIC with 0.5V to 5.5V Outputs Delivering Up to 700mA Total Output Current
Rev 0; 03/23
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
   Output Current up to 1.2A
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
   Output Current up to 8A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Power Mate Technology C...
HAE75-24S3P3W P-DUKE-HAE75-24S3P3W Datasheet
381Kb / 5P
   OUTPUT CURRENT UP TO 20A
logo
Lineage Power Corporati...
NSR040A0X43Z LINEAGEPOWER-NSR040A0X43Z Datasheet
498Kb / 18P
   5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com