Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGQ200B-48S3V3-4Y Datasheet(PDF) 6 Page - Emerson Network Power

Part # AGQ200B-48S3V3-4Y
Description  Delivering up to 40A output current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AGQ200B-48S3V3-4Y Datasheet(HTML) 6 Page - Emerson Network Power

Back Button AGQ200B-48S3V3-4Y Datasheet HTML 2Page - Emerson Network Power AGQ200B-48S3V3-4Y Datasheet HTML 3Page - Emerson Network Power AGQ200B-48S3V3-4Y Datasheet HTML 4Page - Emerson Network Power AGQ200B-48S3V3-4Y Datasheet HTML 5Page - Emerson Network Power AGQ200B-48S3V3-4Y Datasheet HTML 6Page - Emerson Network Power AGQ200B-48S3V3-4Y Datasheet HTML 7Page - Emerson Network Power AGQ200B-48S3V3-4Y Datasheet HTML 8Page - Emerson Network Power AGQ200B-48S3V3-4Y Datasheet HTML 9Page - Emerson Network Power AGQ200B-48S3V3-4Y Datasheet HTML 10Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AGQ200B-48S3V3 DC-DC Converter
6/14
http://www.emersonnetworkpower.com.cn
Figure 3 Output ripple & noise (2µs/div, 10mV/div),
see Figure 15 for test configuration
Figure 4
Input reflected ripple current (2µs/div,
5mA/div), see Figure 15 for test configuration
Figure 5 Dynamic response for 25% load step (25%
~ 50% ~ 25%) and 0.1A/µs slew rate, (1ms/div), see
Figure 11 for test configuration; CH1-output voltage
(50mV/div); CH2-output current (10A/div)
Figure 6 Dynamic response for 25% load step (50%
~ 75% ~ 50%) and 1A/µs slew rate, (1ms/div), see
Figure 11 for test configuration; CH1-output voltage
(200mV/div); CH2-output current (10A/div)
Figure 7
Output voltage startup by power on,
(5ms/div), see Figure 11 for test configuration;
CH1-input voltage (50V/div); CH2-output voltage
(1V/div)
Figure 8 Output voltage shut down by power off,
(5ms/div), see Figure 11 for test configuration;
CH1-input voltage (50V/div); CH2-ouput voltage
(1V/div)


Similar Part No. - AGQ200B-48S3V3-4Y

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
AGQ200 ADVANCEDENERGY-AGQ200 Datasheet
420Kb / 6P
   132 Watts
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2B-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2B-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2P-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2P-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
More results

Similar Description - AGQ200B-48S3V3-4Y

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
logo
Analog Devices
MAX77675 AD-MAX77675 Datasheet
4Mb / 64P
   Low IQ SIMO PMIC with 0.5V to 5.5V Outputs Delivering Up to 700mA Total Output Current
Rev 0; 03/23
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
   Output Current up to 1.2A
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
   Output Current up to 8A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Power Mate Technology C...
HAE75-24S3P3W P-DUKE-HAE75-24S3P3W Datasheet
381Kb / 5P
   OUTPUT CURRENT UP TO 20A
logo
Lineage Power Corporati...
NSR040A0X43Z LINEAGEPOWER-NSR040A0X43Z Datasheet
498Kb / 18P
   5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com