Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGQ200B-48S3V3B-4Y Datasheet(PDF) 10 Page - Emerson Network Power

Part # AGQ200B-48S3V3B-4Y
Description  Delivering up to 40A output current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AGQ200B-48S3V3B-4Y Datasheet(HTML) 10 Page - Emerson Network Power

Back Button AGQ200B-48S3V3B-4Y Datasheet HTML 6Page - Emerson Network Power AGQ200B-48S3V3B-4Y Datasheet HTML 7Page - Emerson Network Power AGQ200B-48S3V3B-4Y Datasheet HTML 8Page - Emerson Network Power AGQ200B-48S3V3B-4Y Datasheet HTML 9Page - Emerson Network Power AGQ200B-48S3V3B-4Y Datasheet HTML 10Page - Emerson Network Power AGQ200B-48S3V3B-4Y Datasheet HTML 11Page - Emerson Network Power AGQ200B-48S3V3B-4Y Datasheet HTML 12Page - Emerson Network Power AGQ200B-48S3V3B-4Y Datasheet HTML 13Page - Emerson Network Power AGQ200B-48S3V3B-4Y Datasheet HTML 14Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AGQ200B-48S3V3 DC-DC Converter
10/14
http://www.emersonnetworkpower.com.cn
Input Ripple & Inrush Current And Output Ripple & Noise Test
Configuration
DC/DC
Load
Vin+
Vin-
Vo+
Vo-
C2
C1
Cin
Vdc
L1
Current probe
Probe
50mm
C4
C3
Figure 15 Input ripple & inrush current, ripple & noise test configuration
Vdc: DC power supply
L1: 12µH
Cin: 220µF/100V typical
C1 ~ C4: See Figure 11
EMC Filter Configuration
U1
U2
EMI Filter
1320uH
1000nF/100V
22nF/1000V
In+
In-
Out+
Out-
C1
C2
Vin+
Vin-
DC/DC
Vo+
Vo-
C3
C4
Resistive load
PE
22nF/1000V
Figure 16 EMC test configuration
U1: 5A input EMC filter module
U2: Module to test, AGQ200B-48S3V3
C1 ~ C4: See Figure 11


Similar Part No. - AGQ200B-48S3V3B-4Y

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
AGQ200 ADVANCEDENERGY-AGQ200 Datasheet
420Kb / 6P
   132 Watts
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2B-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2B-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2P-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2P-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
More results

Similar Description - AGQ200B-48S3V3B-4Y

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
logo
Analog Devices
MAX77675 AD-MAX77675 Datasheet
4Mb / 64P
   Low IQ SIMO PMIC with 0.5V to 5.5V Outputs Delivering Up to 700mA Total Output Current
Rev 0; 03/23
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
   Output Current up to 1.2A
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
   Output Current up to 8A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Power Mate Technology C...
HAE75-24S3P3W P-DUKE-HAE75-24S3P3W Datasheet
381Kb / 5P
   OUTPUT CURRENT UP TO 20A
logo
Lineage Power Corporati...
NSR040A0X43Z LINEAGEPOWER-NSR040A0X43Z Datasheet
498Kb / 18P
   5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com