Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1046AW Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1046AW
Description  Digital Controller for Isolated
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AW Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1046AW Datasheet HTML 3Page - Analog Devices ADP1046AW Datasheet HTML 4Page - Analog Devices ADP1046AW Datasheet HTML 5Page - Analog Devices ADP1046AW Datasheet HTML 6Page - Analog Devices ADP1046AW Datasheet HTML 7Page - Analog Devices ADP1046AW Datasheet HTML 8Page - Analog Devices ADP1046AW Datasheet HTML 9Page - Analog Devices ADP1046AW Datasheet HTML 10Page - Analog Devices ADP1046AW Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
Data Sheet
ADP1046AW
Rev. 0 | Page 7 of 88
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Measurement Accuracy
Factory trimmed at 1 V
10 mV to 160 mV
−0.5
+0.5
% FSR
−8
+8
mV
0% to 100% of usable input voltage range
−3.0
+3.0
% FSR
−42
+42
mV
Temperature Readings Using
Internal Linearization Scheme
RTD source set to 46 µA (Register 0x11 set to
0xE6); NTC R0 = 100 kΩ, 1%; beta = 4250, 1%;
REXT = 16.5 kΩ, 1%
25°C to 100°C
7
°C
100°C to 125°C
5
°C
OTP
Threshold Accuracy
T = 85°C with 100 kΩ||16.5 kΩ
−0.25
+0.9
% FSR
−4
+14.4
mV
T = 100°C with 100 kΩ||16.5 kΩ
−0.5
+1.1
% FSR
−8
+17.6
mV
Comparator Speed
10.5
ms
OTP Threshold Hysteresis
16
mV
PGOOD1, PGOOD2, SHAREo PINS
Open-drain outputs
Output Low Voltage
VOL
0.4
V
PSON, SHAREi PINS
Digital inputs
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
VDD − 0.8
V
Leakage Current
1.0
µA
FLAGIN PIN
Digital input
Input Low Voltage
VIL
0.4
V
Input High Voltage
VIH
VDD − 0.8
V
Propagation Delay
Does not include debounce time (Register
0x0A[3] = 1); flag action set to disable PSU
200
ns
Leakage Current
1.0
µA
GATE PIN
Output Low Voltage
VOL
0.4
V
Output High Voltage
VOH
VDD − 0.4
V
SDA/SCL PINS
VDD = 3.3 V
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
VDD − 0.8
V
Output Low Voltage
VOL
0.4
V
Leakage Current
1.0
µA
SERIAL BUS TIMING
See Figure 2
Clock Operating Frequency
10
100
400
kHz
Bus-Free Time
tBUF
Between stop and start conditions
1.3
µs
Start Hold Time
tHD;STA
Hold time after (repeated) start condition;
after this period, the first clock is generated
0.6
µs
Start Setup Time
tSU;STA
Repeated start condition setup time
0.6
µs
Stop Setup Time
tSU;STO
0.6
µs
SDA Setup Time
tSU;DAT
100
ns
SDA Hold Time
tHD;DAT
For readback
125
ns
For write
300
ns
SCL Low Timeout
tTIMEOUT
25
35
ms
SCL Low Period
tLOW
1.3
µs
SCL High Period
tHIGH
0.6
µs
Clock Low Extend Time
tLO;SEXT
25
ms
SCL, SDA Fall Time
tF
20
300
ns
SCL, SDA Rise Time
tR
20
300
ns


Similar Part No. - ADP1046AW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A-100-EVALZ AD-ADP1046A-100-EVALZ Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046AACPZ-R7 AD-ADP1046AACPZ-R7 Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046AACPZ-RL AD-ADP1046AACPZ-RL Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046ACPZ-R7 AD-ADP1046ACPZ-R7 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results

Similar Description - ADP1046AW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138 Datasheet
1Mb / 68P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCC3138 TI1-UCC3138 Datasheet
1Mb / 78P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138128 TI-UCD3138128_15 Datasheet
2Mb / 80P
[Old version datasheet]   UCD3138x Highly-Integrated Digital Controller For Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com