Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS86 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # CS86
Description  The CS86 series of 0.18 mm standard cells is a line of CMOS ASICs based on higher integration implemented
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

CS86 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button CS86 Datasheet HTML 4Page - Fujitsu Component Limited. CS86 Datasheet HTML 5Page - Fujitsu Component Limited. CS86 Datasheet HTML 6Page - Fujitsu Component Limited. CS86 Datasheet HTML 7Page - Fujitsu Component Limited. CS86 Datasheet HTML 8Page - Fujitsu Component Limited. CS86 Datasheet HTML 9Page - Fujitsu Component Limited. CS86 Datasheet HTML 10Page - Fujitsu Component Limited. CS86 Datasheet HTML 11Page - Fujitsu Component Limited. CS86 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CS86 Series
8
s RECOMMENDED OPERATING CONDITIONS
• Single power supply (VDD
= 1.8 V ± 0.15 V)
• Dual power supply (VDDE
= 3.3 V ± 0.3 V, VDDI = 1.8 V ± 0.15 V/VDDI = 1.5 V ± 0.1 V/VDDI = 1.1 V ± 0.1 V*)
* : VDDI
= 1.1 V±0.1 V is being prepared.
• Dual power supply (VDDE
= 2.5 V ± 0.2 V, VDDI = 1.8 V ± 0.15 V/VDDI = 1.5 V ± 0.1 V/VDDI = 1.1 V ± 0.1 V*)
* : VDDI
= 1.1 V±0.1 V is being prepared.
(VSS
= 0 V)
Parameter
Symbol
Value
Unit
Min
Typ
Max
Supply voltage
VDD
1.65
1.8
1.95
V
“H” level input voltage
VIH
VDD
× 0.65
VDD
+ 0.3
V
“L” level input voltage
VIL
−0.3
VDD
× 0.35
V
Junction temperature
Tj
−40
+125
°C
(VSS
= 0 V)
Parameter
Symbol
Value
Unit
Min
Typ
Max
Supply voltage
VDDE
3.0
3.3
3.6
V
VDDI
1.65
1.8
1.95
1.4
1.5
1.6
1.0
1.1
1.2
“H” level input voltage
1.8 V CMOS
VIH
VDDI
× 0.65
VDDI
+ 0.3
V
3.3 V CMOS
2.0
VDDE
+ 0.3
“L” level input voltage
1.8 V CMOS
VIL
−0.3
VDDI
× 0.35
V
3.3 V CMOS
−0.3
0.8
Junction temperature
Tj
−40
+125
°C
(VSS
= 0 V)
Parameter
Symbol
Value
Unit
Min
Typ
Max
Supply voltage
VDDE
2.3
2.5
2.7
V
VDDI
1.65
1.8
1.95
1.4
1.5
1.6
1.0
1.1
1.2
“H” level input voltage
1.8 V CMOS
VIH
VDDI
× 0.65
VDDI
+ 0.3
V
2.5 V CMOS
1.7
VDDE
+ 0.3
“L” level input voltage
1.8 V CMOS
VIL
−0.3
VDDI
× 0.35
V
2.5 V CMOS
−0.3
0.7
Junction temperature
Tj
−40
+125
°C


Similar Part No. - CS86

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS861 HVPSI-CS861 Datasheet
60Kb / 2P
   MOV Modules
logo
Shenzhenshi YONGFUKANG ...
CS86189C YONGFUKANG-CS86189C Datasheet
4Mb / 16P
   2X25W
logo
High Voltage Power Solu...
CS861A1 HVPSI-CS861A1 Datasheet
60Kb / 2P
   MOV Modules
CS861A2 HVPSI-CS861A2 Datasheet
60Kb / 2P
   MOV Modules
CS861B1 HVPSI-CS861B1 Datasheet
60Kb / 2P
   MOV Modules
More results

Similar Description - CS86

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM240T100C4 ALTERA-EPM240T100C4 Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m
EPM2210GF256C5N ALTERA-EPM2210GF256C5N Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,
EPM570F256C3 ALTERA-EPM570F256C3 Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,
EPM570F100C5N ALTERA-EPM570F100C5N Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m,
logo
Littelfuse
MLA LITTELFUSE-MLA Datasheet
897Kb / 9P
   The MLA Series family of transient voltage surge suppression devices is based on the Littelfuse
logo
NXP Semiconductors
68HC05P9A NXP-68HC05P9A Datasheet
945Kb / 90P
   The MC68HC05P9A is a 28-pin device based on the MC68HC05P9. The memory map includes 2112 bytes of user ROM and 128 bytes of RAM.
December 18, 1995 REV 2.0
68HC05P4A NXP-68HC05P4A Datasheet
862Kb / 83P
   The MC68HC05P4A is a 28-pin device based on the MC68HC05P4. The memory map includes 4160 bytes of user ROM and 176 bytes of RAM.
December 27, 1995 REV 2.0
logo
Freescale Semiconductor...
MC812A4CPVE8 FREESCALE-MC812A4CPVE8 Datasheet
1Mb / 242P
   The MC68HC812A4 microcontroller unit (MCU) is a 16-bit device composed of standard on-chip
logo
Littelfuse
CR0300SA LITTELFUSE-CR0300SA Datasheet
98Kb / 3P
   The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
STMicroelectronics
STEVAL-IPC004V1 STMICROELECTRONICS-STEVAL-IPC004V1 Datasheet
413Kb / 14P
   Handheld point-of-sale (POS) based on the STM32F107VC
October 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com