Electronic Components Datasheet Search
Selected language     English  ā–¼


HMC144LH5 Datasheet(PDF) 4 Page - Analog Devices

Part No. HMC144LH5
Description  Test Instrumentation
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

   
 4 page
background image
9
9 - 37
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs.
Temperature @ LO = +20 dBm
Isolation @ LO = +20 dBm
IF Bandwidth @ LO = +20 dBm
Return Loss @ LO = +20 dBm
Conversion Gain vs. LO Drive
Upconverter Performance
Conversion Gain @ LO = +20 dBm
-20
-15
-10
-5
0
6
8
10
12
14
16
18
20
22
+25C
-40C
+85C
FREQUENCY (GHz)
-20
-15
-10
-5
0
6
8
10
12
14
16
18
20
22
LO = +13dBm
LO = +15dBm
LO = +17dBm
LO = +20dBm
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
5
7
9
1113
15
171921
23
RF to IF
LO to RF
LO to IF
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
012345
6
IF CONVERSION GAIN
IF RETURN LOSS
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
5
7
9
11
13
15
17
19
21
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
4
6
8
1012
14
161820
22
RF
LO
FREQUENCY (GHz)
HMC144LH5
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
v00.1206




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl