Electronic Components Datasheet Search
Selected language     English  ā–¼


HMC144LH5 Datasheet(PDF) 5 Page - Analog Devices

Part No. HMC144LH5
Description  Test Instrumentation
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

   
 5 page
background image
9
9 - 38
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs. LO Drive*
Input P1dB vs.
Temperature @ LO = +20 dBm
Input IP3 vs.
Temperature @ LO = +20 dBm*
Harmonics of LO
* Two-tone input power = 0 dBm each tone, 1 MHz spacing.
Input IP2 vs. LO Drive *
MxN Spurious @ IF Port
nLO
mRF
0
1234
0XX
-23
18
2
23
180
25
14
37
2
6565628062
385
86
83
90
82
486
87
95
100
105
RF = 12 GHz @ -10 dBm
LO = 12.1 GHz @ 20 dBm
All values in dBc relative to the IF power level.
Measured as downconverter.
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
637
34
56
46
836
38
61
50
10
33
43
66
63
12
27
37
48
60
14
35
41
50
N/A
16
34
42
58
N/A
18
35
55
N/A
N/A
20
30
54
N/A
N/A
LO = +20 dBm
All values in dBc below input LO level @ RF port.
0
5
10
15
20
25
30
35
5
7
9
11
13
15
17
19
21
LO = +13 dBm
LO = +15 dBm
LO = +17 dBm
LO = +20 dBm
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
5
8
11
14
17
20
+25C
-40C
+85C
FREQUENCY (GHz)
0
10
20
30
40
50
60
70
80
5
7
9
11
13
15
17
19
21
FREQUENCY (GHz)
LO= 13 dBm
LO= 20 dBm
LO= 17 dBm
LO= 15 dBm
5
10
15
20
25
5
7
9
11
13
15
17
19
21
+25C
-40C
+85C
FREQUENCY (GHz)
HMC144LH5
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
v00.1206




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl