Electronic Components Datasheet Search
Selected language     English  ▼


HMC144LH5 Datasheet(PDF) 3 Page - Analog Devices

Part No. HMC144LH5
Description  Test Instrumentation
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

   
 3 page
background image
9
9 - 36
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC144LH5
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 20 GHz
v00.1206
General Description
Features
Functional Diagram
The HMC144LH5 is a Double-Balanced MMIC Mixer
housed in a hermetic SMT leadless package which
can be used as an upconverter or downconverter
from 6 to 20 GHz. Broadband operation and excellent
isolations are provided by on-chip baluns, while no
external components or DC bias are required. The
HMC144LH5 is a more reliable alternative to hybrid
diode mixers, assuring consistent conversion loss
and isolation performance over multiple production
lots. The HMC144LH5 allows the use of surface
mount manufacturing techniques and is suitable
for high reliability, military, industrial and space
applications.
Input IP3: +24 dBm
LO/RF Isolation: 35 dB
IF Bandwidth: DC to 3 GHz
RoHS Compliant Hermetic SMT Package, 25 mm2
Screening to MIL-PRF-38535 (Class B or S) Available
Electrical Specifications, T
A = +25° C
Typical Applications
The HMC144LH5 is ideal for:
• Telecom Infrastructure
• Test Instrumentation
• Military Radio, Radar & ECM
• Space Systems
Parameter
IF = 100 MHz
LO = +20 dBm
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
6 - 12
12 - 20
GHz
Frequency Range, IF
DC - 3
DC - 3
GHz
Conversion Loss
9.5
11.5
11
13
dB
Noise Figure (SSB)
9.5
11.5
11
13
dB
LO to RF Isolation
23
35
23
35
dB
LO to IF Isolation
10
20
10
20
dB
RF to IF Isolation
12
25
12
22
dB
IP3 (Input)
24
24
dBm
1 dB Compression (Input)
12
15
12
15
dBm
* Unless otherwise noted, all measurements performed as downconverter, IF= 100 MHz.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl