Electronic Components Datasheet Search
Selected language     English  ▼


HMC842 Datasheet(PDF) 5 Page - Analog Devices

Part No. HMC842
Description  RF ATE Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 5 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343 • Fax: 978-250-3373 • Order online at www.hittite.com
Application Support: Phone: 978-250-3343 or RFMG-hsl@analog.com
2
HMC842LC4B
v03.0914
45 Gbps, FANOUT BUFFER
w/ PROGRAMMABLE OUTPUT VOLTAGE
Electrical Specifications, (continued)
Parameter
Conditions
Min.
Typ.
Max
Units
Output Amplitude
Differential, peak-to-peak @ 40 Gbps
400
1200
mVp-p
Output High Voltage
VAC = -0.3
-10
mV
Output Low Voltage
VAC = -0.3
-550
mV
Input Return Loss
frequency < 32 GHz
10
dB
Output Return Loss
frequency < 32 GHz
7
dB
Deterministic Jitter, Jd [2]
3
ps, pp
Additive Random Jitter Jr
@ 28 GHz Clock Input
0.3
ps rms
@ 32 GHz Clock Input
0.6
ps rms
Rise Time, tr [2]
11
ps
Fall Time, tf [2]
11
ps
Propagation Delay, td
10
ps
OUT1 to OUT2 Data Skew, tskew [2]
2
ps
[1] VAC1=VC2 and VAC2=VC1 on evaluation board
[2] Data Input: 40 Gbps PRBS 223-1 pattern, 150 mVp-p single-ended
[1] VAC = -0.3V
[2] Input data rate: 40 Gbps PRBS 223-1
[3] Frequency = 20 GHz
DC Current vs. Supply Voltage [1] [2]
Differential Output Swing vs.
Supply Voltage [1] [2]
Differential Output Swing vs. VAC [3]
Differential Output Swing vs. Frequency [1]
50
75
100
125
150
175
200
-3.47
-3.41
-3.36
-3.3
-3.24
-3.19
-3.13
+25C
+70C
-40C
SUPPLY VOLTAGE Vee (V)
0
200
400
600
800
1000
1200
1400
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
+25C
+70C
-40C
CONTROL VOLTAGE VAC (V)
600
700
800
900
1000
1100
1200
-3.47
-3.41
-3.36
-3.3
-3.24
-3.19
-3.13
+25C
+70C
-40C
SUPPLY VOLTAGE Vee (V)
0
200
400
600
800
1000
1200
1400
0
4
8
12
16
20
24
28
32
+25C
+70C
-40C
FREQUENCY (GHz)




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl