Electronic Components Datasheet Search
Selected language     English  ▼


HMC842 Datasheet(PDF) 6 Page - Analog Devices

Part No. HMC842
Description  RF ATE Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343 • Fax: 978-250-3373 • Order online at www.hittite.com
Application Support: Phone: 978-250-3343 or RFMG-hsl@analog.com
3
HMC842LC4B
v03.0914
45 Gbps, FANOUT BUFFER
w/ PROGRAMMABLE OUTPUT VOLTAGE
[1] VAC = -0.3V
[2] Input data rate: 40 Gbps PRBS 223-1
[3] Data was taken at single ended output
[4] Source jitter was not deembeded
[5] Device measured on evaluation board with single-ended time domain gating.
Rise / Fall Time vs. VAC [1][2][3]
Input Return Loss vs. Frequency [1][5]
Peak-to-Peak Jitter vs. Supply Voltage [1][2][3][4]
Output Return Loss vs. Frequency [1][5]
Fall Time vs. Supply Voltage [1][2][3]
Rise Time vs. Supply Voltage [1][2][3]
6
8
10
12
14
-3.47
-3.41
-3.36
-3.3
-3.24
-3.19
-3.13
+25C
+70C
-40C
SUPPLY VOLTAGE Vee (V)
6
8
10
12
14
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
Rise Time
Fall Time
CONTROL VOLTAGE VAC (V)
-30
-25
-20
-15
-10
-5
0
0
4
8
12
16
20
24
28
32
Data
FREQUENCY (GHz)
6
8
10
12
14
-3.47
-3.41
-3.36
-3.3
-3.24
-3.19
-3.13
+25C
+70C
-40C
SUPPLY VOLTAGE Vee (V)
0
2
4
6
8
-3.47
-3.41
-3.36
-3.3
-3.24
-3.19
-3.13
+25C
+70C
-40C
SUPPLY VOLTAGE Vee (V)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
4
8
12
16
20
24
28
32
OUT1
OUT2
FREQUENCY (GHz)




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl