Electronic Components Datasheet Search
Selected language     English  â–¼


HMC842 Datasheet(PDF) 7 Page - Analog Devices

Part No. HMC842
Description  RF ATE Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 7 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343 • Fax: 978-250-3373 • Order online at www.hittite.com
Application Support: Phone: 978-250-3343 or RFMG-hsl@analog.com
4
HMC842LC4B
v03.0914
45 Gbps, FANOUT BUFFER
w/ PROGRAMMABLE OUTPUT VOLTAGE
40 Gbps Differential Output Eye Diagram
28 GHz Differential Output Eye Diagram
Timing Diagram
Measurements
Current
Min
Max
Total
Meas.
Eye Amp
921 mV
920 mV
922 mV
75
Rise Time
11.11 ps
10.89 ps
11.11 ps
75
Fall Time
11.11 ps
10.44 ps
11.11 ps
75
p-p Jitter
5.778 ps
5.333 ps
5.778 ps
75
Measurements
Current
Mean
Min
Max
V Amp
558.99 mV
556.8 mV
543.46 mV
577.62 mV
Rise Time
6.86 ps
6.816 ps
6.28 ps
7.43 ps
Fall Time
6.91 ps
6.473 ps
5.84 ps
7.01 ps
Time Scale: 10 ps/div
Amplitude Scale: 210 mV/div
Test Conditions:
Vee = -3.3V, VAC = -0.3V
Input Data: Single ended 150 mVp-p 40 Gbps NRZ
PRBS 223-1 pattern
Time Scale: 12 ps/div
Amplitude Scale: 120 mV/div
Test Conditions:
Vee = -3.3V, VAC = -0.3V
Input Data: Single ended 300 mVp-p 28 GHz clock
signal
Input
Outputs
D
OUT1
OUT2
L
L
L
H
H
H
Notes:
D = DP - DN
OUT1 = OUTP1 - OUTN1
OUT2 = OUTP2 - OUTN2
H - Logic High
L - Logic Low




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl