Electronic Components Datasheet Search
Selected language     English  ▼


HMC842 Datasheet(PDF) 9 Page - Analog Devices

Part No. HMC842
Description  RF ATE Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 9 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343 • Fax: 978-250-3373 • Order online at www.hittite.com
Application Support: Phone: 978-250-3343 or RFMG-hsl@analog.com
6
HMC842LC4B
v03.0914
45 Gbps, FANOUT BUFFER
w/ PROGRAMMABLE OUTPUT VOLTAGE
Pin Number
Function
Description
Interface Schematic
1
VAC1
Output Amplitude Control Voltage for OUT1
Note: VAC1=VC2 on evaluation board
2, 5, 8, 11, 14,
17, 21 Package
Bottom
GND
Signal and supply grounds
3, 4
OUTP1, OUTN1
Differential (OUTP1-OUTN1)
or single ended (OUTP1) outputs
6, 7, 12, 13,
19, 24
N/C
The pins are not connected internally; however, all data
shown herein was measured with these pins connected to
RF/DC ground externally.
9, 10
DN, DP
Differential (DP-DN) or single ended (DP) inputs
15, 16
OUTN2, OUTP2
Differential (OUTP2-OUTN2)
or single ended (OUTP2) outputs
18
VAC2
Output Amplitude Control Voltage for OUT2
Note: VAC2=VC1 on evaluation board
20, 22, 23
Vee
Power Supply (-3.3V)
Pin Descriptions




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl