Electronic Components Datasheet Search
Selected language     English  ▼


HMC842 Datasheet(PDF) 10 Page - Analog Devices

Part No. HMC842
Description  RF ATE Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343 • Fax: 978-250-3373 • Order online at www.hittite.com
Application Support: Phone: 978-250-3343 or RFMG-hsl@analog.com
7
HMC842LC4B
v03.0914
45 Gbps, FANOUT BUFFER
w/ PROGRAMMABLE OUTPUT VOLTAGE
Evaluation PCB
List of Materials for Evaluation PCB 129151 [1]
Item
Description
J1 - J6
K Connector
J9 - J12
DC Pin
C1, C3 - C6
1000 pF Capacitor, 0402 Pkg.
C2
0.1 µF Capacitor, 0402 Pkg.
C7 - C9
4.7 µF Capacitor, Tantalum
U1
HMC842LC4B 1:2 Fanout Buffer
PCB [2]
129821 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Arlon 25FR or Rogers 4350
Item
Description
J1
OUTP1
J2
OUTN1
J3
OUTP2
J4
OUTN2
J5
DN
J6
DP
J9
VAC1
J10
VAC2
J11
GND
J12
Vee
The circuit board used in the application should
use RF circuit design techniques. Signal lines
should have 50 Ohm impedance while the package
ground leads should be connected directly to the
ground plane similar to that shown. The exposed
metal package base must be connected to Vee.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation circuit board shown is available from
Hittite upon request.
Note: VC1 on evaluation board is VAC2 and VC2 on evaluation board is VAC1




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl