Electronic Components Datasheet Search
Selected language     English  ▼


LB1332D Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LB1332D
Description  DC Fan Motor Drivers
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
DC Fan Motor Drivers
Overview
The LB1662D, 1662M are 2-phase brushless motor drivers
operated from 5 V power supply. Motor Lock protection and
automatic return can be provided with a minimum number of
external parts.
Features and Functions
.
Designed to be operated from 5 V power supply, making
stable operation possible at a reduced voltage.
.
Direct connection to a Hall element possible.
.
Built-in output transistors with output current 1.5 A
.
Built-in rotation detect function (Drive mode: ‘‘L’’, Stop
mode: ‘‘H’’)
.
Built-in motor lock protector and automatic return function
.
With radio noise reduction pin
Package Dimensions
unit : mm
3098B-DIP10S
[LB1662D]
SANYO : DIP10S
unit : mm
3097-MFP16FS
[LB1662M]
SANYO : MFP16FS
Ordering number: EN3416A
Monolithic Digital IC
LB1662D, 1662M
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
O1596HA(II)/7190TA(GTPS) No.3416-1/6




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl