Electronic Components Datasheet Search
Selected language     English  â–Ľ


LB1332D Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. LB1332D
Description  DC Fan Motor Drivers
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 2 page
background image
Specifications
Absolute Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VIN max
7V
Output voltage
VOUT
–0.3 to +85
V
Output current
IOUT
1.5
A
RD flow-in current
IRD
10
mA
RD voltage
VRD
50
V
Allowable power dissipation
Pd max
LB1662D
1.2
W
LB1662M (Independent IC)
0.9
W
LB1662M with Specified board*
1.2
W
Operating temperature
Topr
–40 to +80
°C
Storage temperature
Tstg
–55 to +125
°C
* Specified board (20
Ă— 30 Ă— 1.5 mm3 glass epoxy resin)
Allowable Operating Ranges at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range
VIN
3.8 to 6.0
V
Common-mode input voltage range
VICM
0toVIN –1.5
V
Electrical Characteristics at Ta=25 °C, VIN = 4.3 V
Parameter
Symbol
Conditions
min
typ
max
Unit
Output withstand voltage 1
VOR
80
V
Output withstand voltage 2
VO(SUS)
IO = 0.1
65
V
Output saturation voltage
VO sat 1 IO = 0.5 A
0.95
1.2
V
VO sat 2 IO = 1.0 A
1.15
1.5
V
VO sat 3 IO = 1.5 A, VIN = 4.8 V
1.4
2.0
V
VIN flow-in range
IIN
1.4
2.5
3.7
mA
Amp input offset voltage
VOFF
–7
0
7.0
mV
Amp input bias current
IBA
–250
nA
RD output saturation voltage
VRD (sat) IRD = 5 mA
0.1
0.2
V
C flow-out current
IC 1
1.5
2.8
4.1
µA
C discharge current
IC 2
0.21
0.38
0.61
µA
Comparator input threshold voltage
VTH 1
0.67
0.7VIN
0.73
V
VTH 2
0.34
0.38VIN
0.42
V
LB1662D, 1662M
No.3416-2/6




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl