Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1332D Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1332D
Description  DC Fan Motor Drivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1332D Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1332D Datasheet HTML 1Page - Sanyo Semicon Device LB1332D Datasheet HTML 2Page - Sanyo Semicon Device LB1332D Datasheet HTML 3Page - Sanyo Semicon Device LB1332D Datasheet HTML 4Page - Sanyo Semicon Device LB1332D Datasheet HTML 5Page - Sanyo Semicon Device LB1332D Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1 When a fan is rotating, the capacitor is charge at 2.8 µA (typ) and discharged through the C with pulses according to the
rotational speed.
2 When a fan is locked, no discharge occurs through the C and the C voltage rises, turning OFF the output at V
TH1 (0.7 ×
VIN).
3 When the output is turned OFF, discharge occurs through the C at 0.38 µA (typ). If the lock is not released when the C
voltage drops to VTH2 (0.38 × VIN), the capacitor is charged to VTH1 again. (At this moment, the output is turned ON.)
These operations 2 and 3 repeated at a cycle of approximately tON :tOFF =1:7 protect a motor.
4 If the lock is released when the C voltage drops to V
TH2, the output is turned ON, starting rotation.
(5) Rotation detect signal (RD pin)
Open collector output (Drive mode: ‘‘L’’, Stop mode: ‘‘H’’)
(6) Radio noise reducing (B1 and B2 pins)
These are the base pins for Darlington connected output transistors. If radio noise is a problem, add a capacitor of
approximately 0.01 to 0.1 µF between B1 and B2, or 0.001 µF to 0.01 µF between OUT and B.
Block Diagram and Sample Application Circuit − 1
Control block
Low
current
circuit
0.47 to 10µF
*1 Use (10,000 to 100,000 pF) if radio noise is a problem.
*2 Use a Zener diode or capacitor for output stage protection.
LB1662D, 1662M
No.3416-5/6


Similar Part No. - LB1332D

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
LB130S56K SLPOWER-LB130S56K Datasheet
296Kb / 3P
   130W Single Output LED Supply
logo
Seoul Semiconductor
LB130Z SEOUL-LB130Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LB131 SEOUL-LB131 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LB131 SEOUL-LB131 Datasheet
360Kb / 13P
   CYAN LAMP LED
LB131 SEOUL-LB131 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LB1332D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1662D SANYO-LB1662D Datasheet
72Kb / 6P
   DC Fan Motor Drivers
logo
Rohm
BD6701F ROHM-BD6701F_12 Datasheet
518Kb / 17P
   Two-phase Full-wave DC Brushless Fan Motor Drivers
BA6901F ROHM-BA6901F_12 Datasheet
602Kb / 21P
   Two-phase Full-wave DC Brushless Fan Motor Drivers
logo
Toshiba Semiconductor
TJ200F04M3L TOSHIBA-TJ200F04M3L Datasheet
329Kb / 11P
   DC-DC Converters Motor Drivers
TJ100F06M3L TOSHIBA-TJ100F06M3L Datasheet
325Kb / 10P
   DC-DC Converters Motor Drivers
TJ100F04M3L TOSHIBA-TJ100F04M3L Datasheet
313Kb / 10P
   DC-DC Converters Motor Drivers
logo
Rohm
BD62110AEFJ ROHM-BD62110AEFJ Datasheet
938Kb / 19P
   DC Brush Motor Drivers
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975 Datasheet
91Kb / 12P
   DC Fan Motor Driver
logo
Fairchild Semiconductor
FAN8902 FAIRCHILD-FAN8902 Datasheet
127Kb / 14P
   DC FAN Motor Controller
logo
Sanyo Semicon Device
LB1695M SANYO-LB1695M Datasheet
89Kb / 7P
   DC Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com