Electronic Components Datasheet Search
Selected language     English  ▼


L2SC5658M3T5G Datasheet(PDF) 3 Page - Leshan Radio Company

Part No. L2SC5658M3T5G
Description  General Purpose Amplifier NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

   
 3 page
background image
LESHAN RADIO COMPANY, LTD.
L2SC5658M3T5G-3/4
L2SC5658M3T5G
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. IC − VCE
VCE, COLLECTOR VOLTAGE (V)
Figure 2. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. On Voltage
IC, COLLECTOR CURRENT (mA)
60
0
50
40
30
20
10
0
24
6
8
TA = 25°C
160 mA
140 mA
120 mA
100 mA
80 mA
60 mA
40 mA
IB = 20 mA
1000
0.1
100
10
1
10
100
TA = 25°C
TA = −25°C
TA = 75°C
VCE = 10 V
2
0.01
1.5
1
0.5
0
0.1
1
10
100
TA = 25°C
900
0.2
800
700
600
500
400
300
200
100
0.5
1
5
10
20
40
60
80 100 150 200
TA = 25°C
VCE = 5 V
0
Figure 5. Capacitance
VCB (V)
Figure 6. Capacitance
VEB (V)
20
0
18
16
14
12
10
12
3
4
7
0
6
5
4
3
2
1
10
20
30
40
Version 1.0




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl