Electronic Components Datasheet Search
Selected language     English  ▼


L2SC5658M3T5G Datasheet(PDF) 4 Page - Leshan Radio Company

Part No. L2SC5658M3T5G
Description  General Purpose Amplifier NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

   
 4 page
background image
L2SC5658M3T5G-4/4
L2SC5658M3T5G
PACKAGE DIMENSIONS
D
b1
E
b
e
A
L
C
H
−Y−
−X−
X
0.08 (0.0032)
Y
2X
E
1
2
3
1.0
0.039
mm
inches
0.40
0.0157
0.40
0.0157
0.40
0.0157
0.40
0.0157
0.40
0.0157
PIN 1. BASE
2. EMITTER
3. COLLECTOR
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.45
0.50
0.55
b
0.15
0.20
0.27
b1
0.25
0.3
0.35
C
0.07
0.12
0.17
D
1.15
1.20
1.25
E
0.75
0.80
0.85
e
0.40 BSC
H
1.15
1.20
1.25
L
0.15
0.20
0.25
0.018
0.020
0.022
0.0059 0.0079 0.0106
0.010
0.012
0.014
0.0028 0.0047 0.0067
0.045
0.047
0.049
0.03
0.032
0.034
0.016 BSC
0.045
0.047
0.049
0.0059 0.0079 0.0098
MIN
NOM
MAX
INCHES
E
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM
THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
SOT−723
SOLDERING FOOTPRINT
Version 1.0
LESHAN RADIO COMPANY, LTD.




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl