Electronic Components Datasheet Search
Selected language     English  ▼


L2SC5658M3T5G Datasheet(PDF) 1 Page - Leshan Radio Company

Part No. L2SC5658M3T5G
Description  General Purpose Amplifier NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

   
 1 page
background image
LESHAN RADIO COMPANY, LTD.
SOT-723
L2SC5658M3T5G
L2SC5658M3T5G-1/4
1
2
3
General Purpose Amplifier
NPN Silicon Transistor
This NPN transistor is designed for general purpose amplifier
applications. This device is housed in the SOT-723 package which is
designed for low power surface mount applications, where board
space is at a premium.
Reduces Board Space
High hFE, 210−460 (typical)
Low VCE(sat), < 0.5 V
ESD Performance: Human Body Model; u 2000 V,
Machine Model;
u 200 V
Available in 8 mm, 7-inch/3000 Unit Tape and Reel
This is a Pb−Free Device
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
50
Vdc
Collector-Emitter Voltage
V(BR)CEO
50
Vdc
Emitter-Base Voltage
V(BR)EBO
5.0
Vdc
Collector Current − Continuous
IC
100
mAdc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation (Note 1)
PD
260
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
− 55 ~ + 150
°C
1. Device mounted on a FR-4 glass epoxy printed circuit board using the
minimum recommended footprint.
2
EMITTER
3
COLLECTOR
1
BASE
MARKING
DIAGRAM
XX M
XX = Specific Device Code
M = Date Code
Device
Package
Shipping
ORDERING INFORMATION
L2SC5658M3T5G
SOT-723
3000/Tape & Reel
Version 1.0




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl