Electronic Components Datasheet Search
Selected language     English  ▼


LBC846ADW1T1G Datasheet(PDF) 5 Page - Leshan Radio Company

Part No. LBC846ADW1T1G
Description  Dual General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

   
 5 page
background image
LESHAN RADIO COMPANY, LTD.
SINGLE PULSE
t 1
Z θ
JA (t) = r(t) R
θJA
R
θJA = 328°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t
1
T
J(pk)
– T
C
= P
(pk)
R
θJC (t)
t 2
P (pk)
DUTY CYCLE, D = t 1 /t 2
D=0.5
0.2
0.1
0.05
0.02
0.01
t, TIME (ms)
Figure 11. Thermal Response
0
1.0
10
100
1.0K
10K
100K
1.0M
1.0
0.1
0.01
0.001
-200
-100
-50
-10
-5.0
-2.0
-1.0
-5.0
-10
-30
-45
-65
-100
V
CE , COLLECTOR–EMITTER VOLTAGE (V)
Figure 12. Active Region Safe Operating Area
The safe operating area curves indicate I C –V CE limits of
thetransistor that must be observed for reliable operation.
Collector load lines for specific circuits must fall below the
limits indicated by the applicable curve.
The data of Figure 12 is based upon T J(pk) = 150°C; T C or
T A is variable depending upon conditions. Pulse curves are
valid for duty cycles to 10% provided T J(pk) < 150°C. T J
(pk) may be calculated from the data in Figure 12. At high
case or ambient temperatures, thermal limitations will reduce
the power that can be handled to values less than the limita-
tions imposed by the secondary breakdown.
LBC846ADW1T1G Series
Rev.O 5/6




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl