Electronic Components Datasheet Search
Selected language     English  ▼


LBC846ADW1T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part No. LBC846ADW1T1G
Description  Dual General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

   
 1 page
background image
LESHAN RADIO COMPANY, LTD.
1
3
2
Dual General Purpose Transistors
NPN Duals
These transistors are designed for general purpose amplifier
applications. They are housed in the SOT–363/SC–88 which is
designed for low power surface mount applications.
MAXIMUM RATINGS
Rating
Symbol
BC846
BC847
BC848
Unit
Collector–Emitter Voltage
V CEO
65
45
30
V
Collector–Base Voltage
V CBO
80
50
30
V
Emitter–Base Voltage
V EBO
6.0
6.0
5.0
V
Collector Current -Continuous
I C
100
100
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
P D
380
mW
Per Device
250
mW
FR– 5 Board, (1) TA = 25°C
Derate above 25°C
3.0
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
328
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
1. FR–5 = 1.0 x 0.75 x 0.062 in.
ORDERING INFORMATION
Device
Marking
Shipping
LBC846BDW1T1G
3000 Units/Reel
LBC846BDW1T3G
LBC847BDW1T1G
3000 Units/Reel
LBC847BDW1T3G
LBC847CDW1T1G
3000 Units/Reel
LBC846BDW1T1G
LBC847BDW1T1G
LBC847CDW1T1G
LBC848BDW1T1G
LBC848CDW1T1G
SOT-363 /SC-88
1
3
2
6
4
5
See Table
Q1
Q2
6
4
5
LBC847CDW1T3G
LBC848BDW1T1G
LBC848BDW1T3G
LBC848CDW1T1G
LBC848CDW1T3G
3000 Units/Reel
3000 Units/Reel
1B
1B
1F
1F
1G
1G
1K
1K
1L
1L
10000 Units/Reel
10000 Units/Reel
10000 Units/Reel
10000 Units/Reel
10000 Units/Reel
RoHS requirements.
We declare that the material of product compliance with
LBC846ADW1T1G
LBC846ADW1T1G
3000 Units/Reel
LBC846ADW1T3G
1A
1A
10000 Units/Reel
Rev.O 1/6




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl