Electronic Components Datasheet Search
Selected language     English  ▼


LESD8L3.3T5G Datasheet(PDF) 1 Page - Leshan Radio Company

Part No. LESD8L3.3T5G
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

   
 1 page
background image
LESD8L3.3T5G
LESHAN RADIO COMPANY, LTD.
Transient Voltage
Suppressors
ESD Protection Diodes with Ultra−Low
Capacitance
The ESD8L is designed to protect voltage sensitive components that
require ultra−low capacitance from ESD and transient voltage events.
Excellent clamping capability, low capacitance, low leakage, and fast
response time, make these parts ideal for ESD protection on designs
where board space is at a premium. Because of its low capacitance, it is
suited for use in high frequency designs such as USB 2.0 high speed and
antenna line applications.
Specification Features:
Ultra Low Capacitance 0.5 pF
Low Clamping Voltage
Small Body Outline Dimensions:
0.039
″ x 0.024″ (1.00 mm x 0.60 mm)
Low Body Height: 0.016″ (0.4 mm)
Stand−off Voltage: 3.3 V
Low Leakage
Response Time is Typically < 1.0 ns
IEC61000−4−2 Level 4 ESD Protection
This is a Pb−Free Device
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V−0
LEAD FINISH:
100% Matte Sn (Tin)
QUALIFIED MAX REFLOW TEMPERATURE:
Device Meets MSL 1 Requirements
PIN 1. CATHODE
2. ANODE
12
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD)
Contact
Air
±10
±15
kV
Total Power Dissipation on FR−5 Board
(Note 1) @ TA = 25°C
°PD°
150
mW
Storage Temperature Range
Tstg
−55 to +150
°C
Junction Temperature Range
TJ
−55 to +125
°C
Lead Solder Temperature − Maximum
(10 Second Duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 = 1.0 x 0.75 x 0.62 in.
260
°C
LESD8L3.3T5G
Rev.O 1/4
SOD882
1
2
Ordering information
LESD8L3.3T5G
P
10000/Tape&Reel
Device
Marking
Shipping
LESD8L3.3T1G
P
5000/Tape&Reel
LESD8L3.3T3G
P
8000/Tape&Reel




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl