Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA92LAT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # MMBTA92LAT1
Description  High Voltage Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

MMBTA92LAT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  MMBTA92LAT1 Datasheet HTML 1Page - Leshan Radio Company MMBTA92LAT1 Datasheet HTML 2Page - Leshan Radio Company MMBTA92LAT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
M32–3/3
MMBTA92LT1
MMBTA93LT1
T J = +125°C
I C , COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
V R , REVERSE VOLTAGE (VOLTS)
Figure 2. Capacitances
I C , COLLECTOR CURRENT (mA)
Figure 3. Current–Gain — Bandwidth Product
I C , COLLECTOR CURRENT (mA)
Figure 4. “On” Voltages
+25°C
–55°C
V CE = –10 Vdc
C cb
C ib
T J = 25°C
V CE = –20 Vdc
V CE(sat) @ I C /I B = 10 mA
V BE @ V CE = –10 V
100
50
20
10
5.0
2.0
1.0
–0.1 –0.2
–0.5 –1.0 –2.0
–5.0 –10
–20
–50 –100 –200
–500 –1000
150
100
70
50
30
20
15
–1.0
–2.0
–3.0
–5.0
–7.0
–10
–20
–30
–50
–80 –100
100
80
60
40
30
20
0
–1.0
–2.0
–5.0
–10
–20
–50
–100
–1.0
–0.8
–0.6
–0.4
–0.2
0
–1.0
–2.0
–5.0
–10
–20
–50
–100


Similar Part No. - MMBTA92LAT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
108Kb / 4P
   High Voltage Transistors PNP Silicon
January, 2013 ??Rev. 10
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
AiT Semiconductor Inc.
MMBTA92L AITSEMI-MMBTA92L Datasheet
569Kb / 6P
   GENERAL PURPOSE TRANSISTORS HIGH VOLTAGE TRANSISTOR PNP SILICON
REV1.1
logo
Unisonic Technologies
MMBTA92L-AE3-R UTC-MMBTA92L-AE3-R Datasheet
54Kb / 4P
   HIGH VOLTAGE PNP TRANSISTOR
MMBTA92L-AE3-R UTC-MMBTA92L-AE3-R Datasheet
149Kb / 3P
   HIGH VOLTAGE PNP TRANSISTOR
More results

Similar Description - MMBTA92LAT1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com