Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2450DP15L5400 Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 2450DP15L5400
Description  High Frequency Ceramic Solutions
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

2450DP15L5400 Datasheet(HTML) 1 Page - Johanson Technology Inc.

  2450DP15L5400 Datasheet HTML 1Page - Johanson Technology Inc. 2450DP15L5400 Datasheet HTML 2Page - Johanson Technology Inc. 2450DP15L5400 Datasheet HTML 3Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.45 / 5.4GHz Low Loss Ceramic Chip Diplexer (LPF/BPF type) P/N 2450DP15L5400
Spec. Release Date:
Page 1 of 3
Part Number
Evaluation Board
In
mm
No.
No.
L
±
±
1
1
W
±
±
2
2
T
±
±
3
3
a
±
±
b
±
±
c
g
±
±
p
±
±
*Line width should be designed to provide 50Ω impedance matching characteristics. CPWG style works best
Need the layout file of this diplexer? Send us a message at:
www.johansontechnology.com/ask-a-question
Do you need some measured s-parameters? Send us a message
at the link above.
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
4001 Calle Tecate • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2016 Johanson Technology, Inc. All Rights Reserved
2450DP15L5400
Isolation
(dB)
20 min. (22 typ.)
@2.4-2.5GHz
20 min. (27 typ.)
@4.9-5.95GHz
2400~2500
4900~5950
Passband
(MHz)
Insertion
Loss (dB)
0.25 typ.
(0.5 max.)
0.35 typ.
(0.65 max.)
Return
Loss (dB)
20dB min. (27 typ.) @4.8-6.0GHz
10 min.
(20 typ.)
20dB min. (30 typ.) @7.2-7.5GHz
10 min.
(15 typ.)
15dB min. (18typ.) @9.8-11.9GHz
Attenuation
20dB min. (23 typ.) @ 0.8-2.5GHz
Lower Freq. Port
GND
0.012
0.004
0.004
0.008
0.012
+.004/-.008
4000 pcs
0.10
0.10
1.25
0.50
0.30
0.004
0.10
0.10
Function
eg. 2450DP15L5400E
Termination style
Ni/Sn
Suffix = None
eg. 2450DP15L5400S(E or S)
ver 3.1
0.10
Part Number Explanation
Mounting Considerations and appearance
Terminal Configuration
Function
GND
Common Port
GND
Higher Freq. Port
P/N Suffix
0.002
0.014
0.004
0.65
0.35
0.026
0.004
0.05
+0.1/-0.2
0.30
0.049
0.20
0.020
"High Frequency Ceramic Solutions"
0.004
0.079
2.00
0.10
2450DP15L5400-EB1SMA (3-port PCB with 50ohm SMA connectors)
-40 to +85°C
+5 to +35°C, Humidity 45~75%RH, 18 mos max
Input Power
50
General Specifications
Impedance for all I/O ports
10/31/16
Mechanical Dimensions
Storage Temp (unused product on T&R)
Operating Temp/Post-Intallation Storage Temperature
2W max (CW)
Reel Quanity
Packing Style
Bulk
Suffix = S
eg. 2450DP15L5400S
T & R
Suffix = E
a
p
g
b
T
Land
Solder
Through-hole
(
φ 0.35 / 0.20)
2.80
1.00
1.65
0.35
0.30
*
*
3
2
1
4
5
6
*
0.80
1
2
3
4
5
6
c
L
W
c
Note: This component is identical to p/n:
2450DP15K5400 except that the 2.4G and 5G pins
are swapped in functionality and has a round top red
mark for distinction.
Units: mm


Similar Part No. - 2450DP15L5400

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450DP15A5512 JOHANSON-2450DP15A5512 Datasheet
103Kb / 2P
   2.45/5.512 GHz Diplexer
2450DP15B5512 JOHANSON-2450DP15B5512 Datasheet
103Kb / 2P
   2450 / 5512 MHz Diplexer
2450DP15D5400 JOHANSON-2450DP15D5400 Datasheet
84Kb / 2P
   2450 / 5400 MHz Diplexer ( LPF / BPF)
2450DP15E5400 JOHANSON-2450DP15E5400 Datasheet
82Kb / 2P
   2450 / 5400 MHz Diplexer ( LPF / BPF)
2450DP15F5400 JOHANSON-2450DP15F5400 Datasheet
98Kb / 2P
   High Frequency Ceramic Solutions
More results

Similar Description - 2450DP15L5400

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450DP39G5500 JOHANSON-2450DP39G5500 Datasheet
207Kb / 3P
   High Frequency Ceramic Solutions
2450DP39H5500 JOHANSON-2450DP39H5500 Datasheet
208Kb / 3P
   High Frequency Ceramic Solutions
1905BP18A0050 JOHANSON-1905BP18A0050 Datasheet
107Kb / 2P
   High Frequency Ceramic Solutions
2450BL15B100E JOHANSON-2450BL15B100E Datasheet
148Kb / 2P
   High Frequency Ceramic Solutions
2450BM15A0002E JOHANSON-2450BM15A0002E Datasheet
178Kb / 2P
   High Frequency Ceramic Solutions
4000BL14U100T JOHANSON-4000BL14U100T Datasheet
77Kb / 2P
   High Frequency Ceramic Solutions
2450BM14E0003 JOHANSON-2450BM14E0003 Datasheet
388Kb / 4P
   High Frequency Ceramic Solutions
0896BM15E0025 JOHANSON-0896BM15E0025 Datasheet
717Kb / 5P
   High Frequency Ceramic Solutions
2450AD14A5500 JOHANSON-2450AD14A5500 Datasheet
660Kb / 6P
   High Frequency Ceramic Solutions
2450BP14D0100 JOHANSON-2450BP14D0100_12 Datasheet
181Kb / 2P
   High Frequency Ceramic Solutions
0783FB15A0100E JOHANSON-0783FB15A0100E Datasheet
153Kb / 2P
   High Frequency Ceramic Solutions
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com